Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4208 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4208
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4208 Datasheet HTML 1Page - STMicroelectronics AN4208 Datasheet HTML 2Page - STMicroelectronics AN4208 Datasheet HTML 3Page - STMicroelectronics AN4208 Datasheet HTML 4Page - STMicroelectronics AN4208 Datasheet HTML 5Page - STMicroelectronics AN4208 Datasheet HTML 6Page - STMicroelectronics AN4208 Datasheet HTML 7Page - STMicroelectronics AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID023948 Rev 1
5/16
AN4208
Packing specifications and labeling description
16
The cavities in the carrier tape have been designed to avoid any damage to the
components. Specific hole is present to improve device stability during sealing and pick up
The embossed carrier tape is in a black conductive material (surface resistivity within
10E5 and 10E11 ohm/sq). Use of this material protects the component against damage from
electrostatic discharge and ensures the total discharge of the component prior to placement
on the PCB. Conductivity is guaranteed to be constant and not affected by shelf life or
humidity. The material will not break when bent and does not have any residue to rub off,
powder, or flake.
3.2
Cover tape
The carrier tape is sealed with a transparent, anti static (surface resistivity within
10E5 ohm/sq and 10E11 ohm/sq) polyester film cover tape with a heat activated adhesive.
The cover tape tensile strength is higher than 10 N.
The peeling force of the cover tape is between 0.08 N and 0.5 N in accordance with the
testing method EIA-481-D and IEC 60286-3. Cover tape is peeled back in the direction
opposite to the carrier tape travel; the angle between the cover tape and the carrier tape is
between 165 and 180 degrees and the test is done at a speed of 120 ± 10% mm/minute.
Table 1. Tape cavity sizing
Dimension
Die with both sides
smaller than or equal to 1.5 mm
Die with one side larger than 1.5 mm
A0 and B0
Die side size + 70 µm
Cavity dimensions established to ensure that
component rotation cannot exceed 10° max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com