Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2485 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 3Page - STMicroelectronics AN2485 Datasheet HTML 4Page - STMicroelectronics AN2485 Datasheet HTML 5Page - STMicroelectronics AN2485 Datasheet HTML 6Page - STMicroelectronics AN2485 Datasheet HTML 7Page - STMicroelectronics AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics AN2485 Datasheet HTML 10Page - STMicroelectronics AN2485 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AN2485
Test results and significant waveforms
7/29
2
Test results and significant waveforms
2.1
Harmonic content measurement
One of the main purposes of a PFC pre-conditioner is the correction of input current
distortion, decreasing the harmonic contents below the limits of European and Janapese
regulations. The board has been tested according to European norm EN61000-3-2 Class-D
and Japanese norm JEIDA-MITI Class-D, at full load and 70 W output power, at both the
nominal input voltage mains.
As shown in Figure 2, 3, 4, and 5, the circuit is able to reduce the harmonics well below the
limits of both regulations from full load down to light load. 70 W of output power has been
chosen because it is almost the lower power limit at which the harmonics must be limited
according to these international norms.
For user reference, waveforms of the input current and voltage at the nominal input voltage
mains and different load conditions are given in Figure 6, 7, 8, 9, 10, and 11.
Figure 2.
EVAL6563-400W compliance to
EN61000-3-2 at 230 Vac-full load
Figure 3.
EVAL6563-400W compliance to
JEIDA-MITI at 100 Vac-full load
0.001
0.01
0.1
1
10
1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]
Measured value
EN61000-3-2 Class-D limits
0.001
0.01
0.1
1
10
1 3 5 7 9 1113 1517 1921 2325 2729 3133 3537 39
Harmonic Order [n]
Measured value
JEIDA-MITI Class-D limits
Figure 4.
EVAL6563-400W compliance to
EN61000-3-2 at 230 Vac-70 W load
Figure 5.
EVAL6563-400W compliance to
JEIDA-MITI at 100 Vac-70 W load
0.001
0.01
0.1
1
1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]
Measured value
EN61000-3-2 Class-D limits
0.001
0.01
0.1
1
1 3 5 7 9 1113 1517 1921 2325 2729 3133 3537 39
Harmonic Order [n]
Measured value
JEIDA-MITI Class-D limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com