Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2485 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2485 Datasheet HTML 1Page - STMicroelectronics AN2485 Datasheet HTML 2Page - STMicroelectronics AN2485 Datasheet HTML 3Page - STMicroelectronics AN2485 Datasheet HTML 4Page - STMicroelectronics AN2485 Datasheet HTML 5Page - STMicroelectronics AN2485 Datasheet HTML 6Page - STMicroelectronics AN2485 Datasheet HTML 7Page - STMicroelectronics AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AN2485
List of figures
3/29
List of figures
Figure 1.
EVAL6563-400W evaluation board: electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
EVAL6563-400W compliance to EN61000-3-2 at 230 Vac-full load . . . . . . . . . . . . . . . . . . 7
Figure 3.
EVAL6563-400W compliance to JEIDA-MITI at 100 Vac-full load . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
EVAL6563-400W compliance to EN61000-3-2 at 230 Vac-70 W load . . . . . . . . . . . . . . . . 7
Figure 5.
EVAL6563-400W compliance to JEIDA-MITI at 100 Vac-70 W load . . . . . . . . . . . . . . . . . . 7
Figure 6.
EVAL6563-400W Input current waveform at 100 V - 60 Hz - 400 W load . . . . . . . . . . . . . . 8
Figure 7.
EVAL6563-400W Input current waveform at 230 V - 50 Hz - 400 W load . . . . . . . . . . . . . . 8
Figure 8.
EVAL6563-400W Input current waveform at 100 V - 60 Hz - 200 W load . . . . . . . . . . . . . . 8
Figure 9.
EVAL6563-400W Input current waveform at 230 V - 50 Hz - 200 W load . . . . . . . . . . . . . . 8
Figure 10.
EVAL6563-400W Input current waveform at 100 V - 60 Hz - 70 W load . . . . . . . . . . . . . . . 8
Figure 11.
EVAL6563-400W Input current waveform at 230 V - 50 Hz - 70 W load . . . . . . . . . . . . . . . 8
Figure 12.
Power Factor vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 13.
THD vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 14.
Efficiency vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 15.
Static Vout regulation vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 16.
EVAL6563-400W Inductor current ripple envelope at 115 Vac - 60 Hz - full load . . . . . . . 10
Figure 17.
EVAL6563-400W Inductor current ripple (detail) at 115 Vac - 60 Hz - full load . . . . . . . . . 10
Figure 18.
EVAL6563-400W Inductor current ripple envelope at 230 Vac - 50 Hz - full load . . . . . . . 11
Figure 19.
EVAL6563-400W Inductor current ripple (detail) at 230 Vac - 50 Hz - full load . . . . . . . . . 11
Figure 20.
EVAL6563-400W Input mains surge from 90 Vac to 140 Vac - full load - CFF = 470 nF . . 12
Figure 21.
L6562 FOT Input mains surge from 90 Vac to 140 Vac - full load - NO VFF input . . . . . . . 12
Figure 22.
EVAL6563-400W Input mains dip from 140 Vac to 90 Vac - full load - CFF = 470 nF . . . . 13
Figure 23.
L6562 FOT Input mains dip from 90 Vac to 140 Vac - full load - NO VFF input . . . . . . . . . 13
Figure 24.
EVAL6563-400W Input current shape at 100 Vac-60 Hz vs. VFF ripple - CFF = 470 nF . . 14
Figure 25.
EVAL6563-400W Input current shape at 100 Vac-60 Hz vs. VFF ripple - CFF = 1.5 uF . . . 14
Figure 26.
EVAL6563-400W start-up at 90 Vac-60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 27.
EVAL6563-400W start-up at 265 Vac-50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 28.
EVAL6563-400W start-up at 80 Vac-60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 29.
EVAL6563-400W Start-up at 265 V -50 Hz - 30 mA load . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 30.
EVAL6563-400W start-up at 265 V -50 Hz - no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 31.
EVAL6563-400W open loop at 115 Vac-60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 32.
L6563 On/Off control by a cascaded converter controller via PFC_OK or RUN pin . . . . . 17
Figure 33.
Interface circuits that let the L6563/A switch on or off a PWM controller . . . . . . . . . . . . . . 18
Figure 34.
EVAL6563-400W PCB layout (not 1:1 scaled) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 35.
Thermal map at 115 Vac-60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 36.
Thermal map at 230 Vac-50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 37.
115 Vac and full load - phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 38.
115 Vac and full load - neutral . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 39.
230 Vac and full load - phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 40.
230 Vac and full load - neutral . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 41.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 42.
Pin side view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 43.
Mechanic aspect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com