Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2485 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 5Page - STMicroelectronics AN2485 Datasheet HTML 6Page - STMicroelectronics AN2485 Datasheet HTML 7Page - STMicroelectronics AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics AN2485 Datasheet HTML 10Page - STMicroelectronics AN2485 Datasheet HTML 11Page - STMicroelectronics AN2485 Datasheet HTML 12Page - STMicroelectronics AN2485 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AN2485
Test results and significant waveforms
9/29
The Power Factor (PF) and the Total Harmonic Distortion (THD) have been measured too
and the results are reported in Figure 12. and Figure 13. As shown, the PF at full load and
half load remains close to unity throughout the input voltage mains range while it decreases
at high mains range when the circuit is delivering 70 W. THD is low, remaining within 25% at
maximum input voltage.
Efficiency is very good at all load and line conditions. At full load it is always significantly
higher than 90%, making this design suitable for high efficiency power supply.
The measured output voltage variation at different line and load conditions is given in Figure
15. As shown, the voltage is perfectly stable over the input voltage range due to the Voltage
Feed-Forward function embedded in the L6593. Only at 265 Vac and light load, there is a
negligible deviation of 1 V due to the intervention of the burst mode (for the "static OVP")
function.
Figure 12.
Power Factor vs. Vin and load
Figure 13.
THD vs. Vin and load
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
90
100
115
130
180
230
265
VIN [VRMS]
PF
400W
200W
70W
0
5
10
15
20
25
30
90
100
115
130
180
230
265
VIN [VRMS]
THD [%]
400W
200W
70W
Figure 14.
Efficiency vs. Vin and load
Figure 15.
Static Vout regulation vs. Vin and
load
75%
80%
85%
90%
95%
100%
90
100
115
130
180
230
265
VIN [VRMS]
Eff [%]
400W
200W
70W
15W
400
400.5
401
401.5
402
402.5
403
403.5
404
90
100
115
130
180
230
265
VIN [VRMS]
VOUT [VDC]
400W
200W
70W
15W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com