Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2485 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2485 Datasheet HTML 1Page - STMicroelectronics AN2485 Datasheet HTML 2Page - STMicroelectronics AN2485 Datasheet HTML 3Page - STMicroelectronics AN2485 Datasheet HTML 4Page - STMicroelectronics AN2485 Datasheet HTML 5Page - STMicroelectronics AN2485 Datasheet HTML 6Page - STMicroelectronics AN2485 Datasheet HTML 7Page - STMicroelectronics AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN2485
Main characteristics and circuit description
5/29
mainly by the film capacitor C7 which allows for a less costly electrolytic to bear only the DC
part.
At start-up the L6563 is powered by the Vcc capacitor (C12) that is charged via the resistors
R3 and R4. The L4 secondary winding (pins #8-11) and the charge pump circuit (R5, C10,
D5 and D4) generate the Vcc voltage powering the L6563 during normal operations.
The divider R32, R33 and R34 provides the L6563 multiplier with the information of the
instantaneous voltage that is used to modulate the boost current. The instantaneous voltage
information is also used to get the average value of the AC line by the VFF (Voltage Feed-
Forward) pin. Divider R9, R10, R11, R12, and R13 is dedicated to sense output voltage
while divider R6, R7, R8, and R24 is dedicated to protect the circuit in case of voltage loop
failures. The Line-Modulated FOT is obtained by the timing generator components D6, C15,
R15, C16, R16, R31, and Q3.
The board is equipped with an input EMI filter designed for a 2-wire input mains plug. It is
composed of two stages, a Common Mode Pi-filter connected at the input (C1, L1, C2, C3)
and a Differential Mode Pi-filter after the input bridge (C4, L3, C5). The board also offers the
possibility to easily connect a downstream converter and test the interface signals managed
by the L6563.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com