Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3115 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 2Page - STMicroelectronics AN3115 Datasheet HTML 3Page - STMicroelectronics AN3115 Datasheet HTML 4Page - STMicroelectronics AN3115 Datasheet HTML 5Page - STMicroelectronics AN3115 Datasheet HTML 6Page - STMicroelectronics AN3115 Datasheet HTML 7Page - STMicroelectronics AN3115 Datasheet HTML 8Page - STMicroelectronics AN3115 Datasheet HTML 9Page - STMicroelectronics AN3115 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Block diagram and pin function description
AN3115
6/28
Doc ID 16830 Rev 3
1.4
DiSEqC™ 1.X implementation through EXTM pin
The EXTM pin is an analog input to generate the 22 kHz tone superimposed to the VoRX DC
output voltage. If the EXTM pin is used, the internal 22 kHz generator must be kept OFF
(TTX pin or TTX bit set LOW). A cheaper circuit must be used to couple the modulating
signal source to the EXTM pin (see Figure 2).
The EXTM pin modulates the VoRX voltage through the series decoupling capacitor, so that:
VoRX (AC) = VEXTM (AC) x GEXTM
Where:
- VoRX (AC) and VEXTM (AC) are, respectively, the peak to peak voltage on the VoRX and
EXTM pin
- GEXTM is the voltage gain from EXTM to VoRX.
In order to avoid the 22 kHz tone distortion, a dummy output load may be necessary, strictly
dependent on the output bus capacitance.
For the correct DiSEqC implementation, during tone transmission, it is most important that
the DiSEqC_out pin of the 22 kHz IC controller, is set in low impedance and vice versa,
during no-tone transmission, it must be set in high impedance.
Figure 2 shows an example circuit as an appropriate solution with a 22 kHz IC controller to
drive the EXTM pin for the DiSEqC implementation.
Table 3.
Output load
Output bus capacitance
Output load
< 50 nF
10 mA
250 nF (EUTELSAT spec.)
30 mA
750 nF (DIRECT TV spec.)
80 mA
Figure 2.
EXTM example of use with 22 kHz IC controller
DISEQC_OUT
15 K
EXTM pin
LNBH23L
22 KHz IC
controller
1µF
VDD 3V3
R1
R2
C1
VoRx OUTPUT
R3
Vtone signal
VoRX
DISEQC_OUT
15 K
EXTM pin
LNBH23L
22 KHz IC
controller
1µF
VDD 3V3
R1
R2
C1
VoRx OUTPUT
R3
Vtone signal
VoRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com