Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3115 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 4Page - STMicroelectronics AN3115 Datasheet HTML 5Page - STMicroelectronics AN3115 Datasheet HTML 6Page - STMicroelectronics AN3115 Datasheet HTML 7Page - STMicroelectronics AN3115 Datasheet HTML 8Page - STMicroelectronics AN3115 Datasheet HTML 9Page - STMicroelectronics AN3115 Datasheet HTML 10Page - STMicroelectronics AN3115 Datasheet HTML 11Page - STMicroelectronics AN3115 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Block diagram and pin function description
AN3115
8/28
Doc ID 16830 Rev 3
interface TEN bit. The rise and fall edges are controlled to be in the 5 µs to 15 µs range, 8 µs
typ for 22 kHz. The Duty cycle is 50 % typ., it modulates the DC output with a 0.650 VPP
(typ.) amplitude as well as the DSQIN pin.
1.8
DiSEqC communication
The following steps must be taken to ensure the correct implementation of the DiSEqC
communication:
●
T0: Before starting the DiSEqC transmission. The TTX function must be activated
(through the TTX pin or TTX I²C bit);
●
T1: After 500 µs minimum, the IC is ready to receive the DiSEqC code through the
DSQIN pin (or, alternatively, the TEN I²C bit can be set to HIGH to activate the 22 kHz
burst);
●
T2: When the transmission is elapsed, the TTX function is set to LOW (through the TTX
pin or TTX I²C bit) not earlier than 200 µsec after the last falling edge of the DiSEqC
code.
1.9
Linear post-regulator, modulator and protection
The output voltage selection and the current selection commands join this block, which
manages the LNB output function. This block gives feedback to the I²C interface from the
diagnostic block, regarding the status of the thermal protection, over current protection, and
output settings.
1.10
Pin description
The LNBH23L is available in an exposed pad QFN-32 package for surface mount assembly.
Figure 5 shows the device pin-out and Table 4 briefly summarizes the pin function.
Figure 4.
DiSEqC timing control
LNBout
DSQIN
TTX
DiSEqC Transmit Mode
DiSEqC Receive Mode
> 500µs
> 200 µs
T0
T1
T2 T3
µ
LNBout
DSQIN
TTX
DiSEqC Transmit Mode
DiSEqC Receive Mode
> 500µs
> 200 µs
T0
T1
T2 T3
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com