Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3115 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3115 Datasheet HTML 1Page - STMicroelectronics AN3115 Datasheet HTML 2Page - STMicroelectronics AN3115 Datasheet HTML 3Page - STMicroelectronics AN3115 Datasheet HTML 4Page - STMicroelectronics AN3115 Datasheet HTML 5Page - STMicroelectronics AN3115 Datasheet HTML 6Page - STMicroelectronics AN3115 Datasheet HTML 7Page - STMicroelectronics AN3115 Datasheet HTML 8Page - STMicroelectronics AN3115 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
List of figures
AN3115
4/28
Doc ID 16830 Rev 3
List of figures
Figure 1.
LNBH23L internal block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
EXTM example of use with 22 kHz IC controller. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
DiSEqC 1.X tone burst with 22 kHz IC controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
DiSEqC timing control. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
LNBH23L pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
LNBH23L typical application circuit with internal tone generator . . . . . . . . . . . . . . . . . . . . 11
Figure 7.
Typical output current limiting vs. RSEL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 8.
Example of LNBTVS diode connection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 9.
DC-DC converter output stage with ferrite bead . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 10.
Application circuit with PDC optional solution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 11.
PDC optional circuit load calculation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
PDC circuit waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 13.
Tone amplitude vs. R9 value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 14.
PBC top layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 15.
PBC bottom layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 16.
PCB components layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 17.
Typical junction to ambient thermal resistance with dual layer PCB, 1oz, 9 thermal vias . 24
Figure 18.
PCB connector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com