Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3115 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3115 Datasheet HTML 1Page - STMicroelectronics AN3115 Datasheet HTML 2Page - STMicroelectronics AN3115 Datasheet HTML 3Page - STMicroelectronics AN3115 Datasheet HTML 4Page - STMicroelectronics AN3115 Datasheet HTML 5Page - STMicroelectronics AN3115 Datasheet HTML 6Page - STMicroelectronics AN3115 Datasheet HTML 7Page - STMicroelectronics AN3115 Datasheet HTML 8Page - STMicroelectronics AN3115 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
January 2011
Doc ID 16830 Rev 3
1/28
AN3115
Application note
LNB power supply based on the LNBH23L
supply and control IC with step-up and I²C interface
Introduction
This application note is intended to provide additional information and suggestions for the
correct use of the LNBH23L device. All waveforms shown are based on the demonstration
board order code STEVAL-CBL007V1 described in Section 3.
The LNBH23L is an integrated solution for supplying/interfacing satellite LNB modules. It
gives good performance in a simple and cheap way, with minimum external components
necessary. It includes all functions needed for LNB supplying and interfacing, in accordance
with international standards. Moreover, it includes an I²C bus interface and, thanks to a fully
integrated step-up DC-DC converter, it functions with a single input voltage supply ranging
from 8 V to 15 V.
Figure 1.
LNBH23L internal block diagram
SDA SCL
LNBH23L
ADDR
I²C OLF and OTF
Diagnostics
I² C interface
DSQIN
Vup
VoRX
VoTX
LX
22KHz
Oscill.
Rsense
EN
VSEL
Linear Post-reg
+Protections
+Diagnostics
TTX
EN
VSEL
VOUT Control
EXTM
P-GND
Preregulator
+U.V.lockout
+P.ON reset
Byp
Vcc
Vcc-L
ISEL
TTX
TEN
TTX
I²C OLF and OTF
I² C interface
Vup
22KHz
Oscill.
22KHz
Oscill.
EN
VSEL
-reg
+Protections
+Diagnostics
EN
VSEL
VOUT Control
A-GND
A-GND
-
Preregulator
+U.V.lockout
+P.ON reset
--
FB
PDC
Pull Down
Controller
SDA SCL
LNBH23L
ADDR
I²C OLF and OTF
Diagnostics
I² C interface
DSQIN
Vup
VoRX
VoTX
LX
22KHz
Oscill.
Rsense
EN
VSEL
Linear Post-reg
+Protections
+Diagnostics
TTX
EN
VSEL
VOUT Control
EXTM
P-GND
Preregulator
+U.V.lockout
+P.ON reset
Byp
Vcc
Vcc-L
ISEL
TTX
TEN
TTX
I²C OLF and OTF
I² C interface
Vup
22KHz
Oscill.
22KHz
Oscill.
EN
VSEL
-reg
+Protections
+Diagnostics
EN
VSEL
VOUT Control
A-GND
A-GND
A-GND
A-GND
-
Preregulator
+U.V.lockout
+P.ON reset
--
FB
PDC
Pull Down
Controller
www.st.com


Similar Part No. - AN3115

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN311 SILABS-AN311 Datasheet
118Kb / 4P
CP2120 PORTING GUIDE
logo
STMicroelectronics
AN3110 STMICROELECTRONICS-AN3110 Datasheet
276Kb / 10P
Using the STVM100 to automatically adjust VCOM voltage in e-paper
07-Jan-2010
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
18 W single-stage offline LED driver
08-Feb-2011
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
Solution for designing a fixed off-time controlled PFC pre-regulator
09-Feb-2011
AN3114 STMICROELECTRONICS-AN3114 Datasheet
717Kb / 43P
This application note describes techniques for connecting
08-Nov-2012
More results

Similar Description - AN3115

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Nov-2002
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
05-Jul-2004
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
Dual LNB supply and control IC with step-up and I2C interface
11-Feb-2008
LNBH24_0808 STMICROELECTRONICS-LNBH24_0808 Datasheet
438Kb / 30P
Dual LNB supply and control IC with step-up and I²C interface
27-Aug-2008
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
LNB supply and control IC with step-up and I2C interface
29-Nov-2010
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
LNB supply and control IC with step-up and IC interface
24-Mar-2015
LNBH29 STMICROELECTRONICS-LNBH29 Datasheet
1Mb / 31P
LNB supply and control IC with step-up and I²C interface
15-Mar-2013
LNBH25LS STMICROELECTRONICS-LNBH25LS Datasheet
1Mb / 30P
LNB supply and control IC with step-up and I²C interface
March 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com