Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3182 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3182
Description  This application note describes the methods and techniques for measuring
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3182 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3182 Datasheet HTML 3Page - STMicroelectronics AN3182 Datasheet HTML 4Page - STMicroelectronics AN3182 Datasheet HTML 5Page - STMicroelectronics AN3182 Datasheet HTML 6Page - STMicroelectronics AN3182 Datasheet HTML 7Page - STMicroelectronics AN3182 Datasheet HTML 8Page - STMicroelectronics AN3182 Datasheet HTML 9Page - STMicroelectronics AN3182 Datasheet HTML 10Page - STMicroelectronics AN3182 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN3182
Terminology
Doc ID 17289 Rev 1
7/18
keeps moving from a vertical position (-90°) back to a flat level again. For example, in
Figure 2, Yb is fixed, Xb is rotating from Pitch = 0° to +30°, +90°, +150° and +179.9° for
a positive direction.
●
Roll (
β) is defined as the angle between the Y
b axis and the horizontal plane. Assume
that the roll angle resolution is 0.1°, then it goes from 0° to +179.9° when rotating
around the Xb axis with the Yb axis moving downwards from a flat level, and then keeps
moving from a vertical position (+90°) back to a flat level again. The roll angle goes
from 0° to -180° when the Yb axis is moving upwards from a flat level, and then keeps
moving from a vertical position (-90°) back to a flat level again. For example, in
Figure 3, Xb is fixed, Yb is rotating from roll = 0° to +30°, +90°, +150° and +179.9° for a
positive direction.
Figure 2.
Pitch definition
Figure 3.
Roll definition
Assume Ax, Ay, Az is the accelerometer raw measurement in the format of LSBs. Table 2
shows the sign definition of the raw sensor data at 6 stationary positions with respect to the
known Earth gravity vector. For example, in Figure 1, Xb and Yb are level and Zb is pointing
down. Therefore, Ax = Ay = 0, Az = +1 g.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com