Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3182 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3182
Description  This application note describes the methods and techniques for measuring
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3182 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3182 Datasheet HTML 1Page - STMicroelectronics AN3182 Datasheet HTML 2Page - STMicroelectronics AN3182 Datasheet HTML 3Page - STMicroelectronics AN3182 Datasheet HTML 4Page - STMicroelectronics AN3182 Datasheet HTML 5Page - STMicroelectronics AN3182 Datasheet HTML 6Page - STMicroelectronics AN3182 Datasheet HTML 7Page - STMicroelectronics AN3182 Datasheet HTML 8Page - STMicroelectronics AN3182 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Terminology
AN3182
4/18
Doc ID 17289 Rev 1
1
Terminology
Low-g MEMS accelerometers are widely used for tilt sensing in consumer electronics and
industrial applications, such as screen rotation and automobile security alert systems.
Another popular application for low-g accelerometers is tilt compensated electronic
compasses for map rotation and personal navigation devices. This application note
describes how to obtain accurate tilt measurements with respect to local Earth horizontal
plane, by compensating for a few non idealities that may cause angular tilt calculation error.
In this document, the 3-axis digital accelerometer LIS331DLH is used as an example. For
detailed information and device specifications, refer to the LIS331DLH datasheet available
at http://www.st.com. Other 3-axis analog or digital accelerometers may also be used, in
accordance with their respective specifications.
1.1
Accelerometer datasheet
When designing a tilt sensing system, the first step is to examine the accelerometer
specifications and understand the meaning of each parameter that affects tilt sensing
accuracy. Table 1 shows the main parameters of the LIS331DLH 3-axis digital
accelerometer when a full-scale of ±2 g is selected, which is optimum for tilt sensing
applications. Note that higher full-scale ranges can also be selected for tilt sensing, but
accuracy is affected by the resulting lower sensitivity.
Table 1.
Main parameters for the LIS331DLH @ Vdd = 2.5 V, T = 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vdd
Power supply
2.16
2.5
3.6
V
Idd
Current consumption in
normal mode
250
µA
ODR
Output data rate in normal
mode
Selectable by DR bits
in CTRL_REG1
50/100/400/
1000
Hz
BW
System bandwidth
ODR/2
Hz
Ton
Turn-on time
ODR = 100 Hz
1/ODR + 1
ms
Top
Operating temperature
range
-40
+85
°C
FS
Full-scale measurement
rage
FS bit set to 00
±2.0
g
So
Sensitivity
FS bit set to 00
12-bit representation
0.9
1
1.1
mg/LSB
TCSo
Sensitivity change vs.
temperature
FS bit set to 00
±0.01
%/°C
TyOff
Typical zero-g level offset
accuracy
FS bit set to 00
±20
mg
TCOff
Zero-g level change vs.
temperature
Max delta from 25 °C
±0.1
mg/°C
An
Acceleration noise density
FS bit set to 00
218
μg
(
)
Hz
()
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com