Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3182 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3182
Description  This application note describes the methods and techniques for measuring
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3182 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3182 Datasheet HTML 1Page - STMicroelectronics AN3182 Datasheet HTML 2Page - STMicroelectronics AN3182 Datasheet HTML 3Page - STMicroelectronics AN3182 Datasheet HTML 4Page - STMicroelectronics AN3182 Datasheet HTML 5Page - STMicroelectronics AN3182 Datasheet HTML 6Page - STMicroelectronics AN3182 Datasheet HTML 7Page - STMicroelectronics AN3182 Datasheet HTML 8Page - STMicroelectronics AN3182 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN3182
Terminology
Doc ID 17289 Rev 1
5/18
1.2
Understanding the parameters
●
Vdd - Power supply: This parameter defines the accelerometer operating DC power
supply range between +2.16 V and +3.6 V (typical +2.5 V). Correct operation of the
accelerometer using a power supply voltage outside of this range is not guaranteed.
The parameters in Table 1 are provided by the accelerometer manufacturer under
Vdd = +2.5 V at a room temperature of T = 25 °C. It is recommended to keep the Vdd
clean, with minimum ripple. One possible way to do this is to use an ultra low-noise low-
dropout regulator to power the accelerometer.
●
Idd - Current consumption in normal mode: In the case of the LIS331DLH, lower ODR
corresponds to lower current consumption.
●
ODR - Output data rate in normal mode: This parameter shows the possible output
data rates in normal mode. The user can select different ODR by setting the DR bits in
the CTRL_REG1 register.
●
BW - System bandwidth: This parameter defines the bandwidth of the system. When
ODR = 100 Hz, BW is typically 50 Hz with built-in low pass filter. The system
recognizes any motion below 50 Hz. If the system has dynamic motion higher than
50 Hz, then ODR needs to be increased to a higher setting in order to cover all useful
system signals.
●
Ton - Turn-on time: This parameter defines the time required before the accelerometer
is ready to output measured acceleration data after exiting power-down mode. For
example, at ODR = 100 Hz, the user should wait for a minimum of 1/100 + 1 = 11 ms
after exiting from power-down mode before sampling the accelerometer data.
●
Top - operating temperature range: This parameter defines the operating temperature
range. When the device is operated inside the specified range, proper behavior of the
sensor is guaranteed.
●
FS - Full-scale measurement range: For tilt sensing applications, a ±2.0 g range is
sufficient because the Earth’s gravity is ±1 g only. If the application requires
measurement of higher g acceleration, the user can set the LIS331DLH to a higher full-
scale range of ±4.0 g or ±8.0 g, which results in lower sensitivity.
●
So - Sensitivity: This parameter defines the value of 1LSB with respect to mg in the
digital representation. For example, at ±2.0 g full-scale range, the sensitivity is typically
about 1 mg/LSB at 12-bit representation. Therefore, when the sensor is stable on a
horizontal surface, the Z axis output is around 1000LSB.
●
TCSo - Sensitivity change vs. temperature: This parameter defines how sensitivity
changes with temperature. For example, at a ±2.0 g full-scale range, the sensitivity
changes within ±0.01%/°C. Therefore, if the environmental temperature changes 40 °C,
from 25 °C to 65 °C, then the sensitivity changes within the range of ±0.01% * 40 =
±0.4%, which means the sensitivity change over 40 °C is within 0.996 mg/LSB and
1.004 mg/LSB, which shows that the sensitivity is very stable versus temperature
change. Thus, temperature compensation for sensitivity can be ignored.
●
TyOff - Typical zero-g level offset accuracy: This parameter defines the zero-g accuracy
at a room temperature of 25 °C. For example, at a ±2.0 g full-scale range, the zero-g
accuracy of ±20 mg means that the zero-g output varies typically in the range of ±20
mg around the expected ideal value.
●
TCOff - Zero-g level change vs. temperature: This parameter defines how much the
zero-g level is affected by temperature variations. For example, at ±2.0 g full-scale
range, the zero-g level changes typically within ±0.1 mg/°C. This means that if the
environmental temperature changes 40 °C, from 25 °C to 65 °C, then the zero-g level
changes within the range of ±0.1 mg * 40 = ±4 mg, which shows that the zero-g level is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com