Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3182 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3182
Description  This application note describes the methods and techniques for measuring
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3182 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3182 Datasheet HTML 5Page - STMicroelectronics AN3182 Datasheet HTML 6Page - STMicroelectronics AN3182 Datasheet HTML 7Page - STMicroelectronics AN3182 Datasheet HTML 8Page - STMicroelectronics AN3182 Datasheet HTML 9Page - STMicroelectronics AN3182 Datasheet HTML 10Page - STMicroelectronics AN3182 Datasheet HTML 11Page - STMicroelectronics AN3182 Datasheet HTML 12Page - STMicroelectronics AN3182 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN3182
Calibrating the accelerometer
Doc ID 17289 Rev 1
9/18
2
Calibrating the accelerometer
Section 1 describes the accelerometer parameters and the definition of the pitch and roll tilt
angles. The next step is to calibrate the accelerometer before tilt calculation can take place.
Please note that all accelerometers from ST, including the LIS331DLH, have been factory-
calibrated. For most applications, such as screen portrait/landscape rotation and laptop lid
open/close detection, accelerometer calibration is not necessary. This means that users can
use the zero-g level and sensitivity parameters from the datasheet directly to convert raw
measurements Ax, Ay and Az to normalized measurements Ax1, Ay1 and Az1. For
applications that require better than 1° tilt-measurement accuracy, such as automobile alert
systems, tilt-compensated electronic compasses and level monitoring systems,
accelerometer calibration is suggested.
The relationship between the normalized Ax1, Ay1 and Az1 and the accelerometer raw
measurements Ax, Ay and Az can be expressed as,
Equation 1
where [A_m] is the 3 x 3 misalignment matrix between the accelerometer sensing axes and
the device body axes, A_SCi (i = x, y, z) is the sensitivity (or scale factor) and A_OSi is the
zero-g level (or offset).
The goal of accelerometer calibration is to determine 12 parameters from ACC10 to ACC33,
so that with any given raw measurements at arbitrary positions, the normalized values Ax1,
Ay1 and Az1 can be obtained, resulting in:
Equation 2
Calibration can be performed at 6 stationary positions as shown in Table 2. Collect 5 to 10
seconds of accelerometer raw data with ODR = 100 Hz at each position with known Ax1,
Ay1 and Az1. Then apply the least square method to obtain the 12 accelerometer calibration
parameters. Refer to Appendix A for additional details.
[]
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎣
⎡
+
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎣
⎡
⋅
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎣
⎡
=
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎣
⎡
−
−
−
⋅
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎣
⎡
=
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎣
⎡
30
20
10
z
y
x
33
32
31
23
22
21
13
12
11
z
z
y
y
x
x
z
y
x
3
x
3
1
z
1
y
1
x
ACC
ACC
ACC
A
A
A
ACC
ACC
ACC
ACC
ACC
ACC
ACC
ACC
ACC
OS
_
A
A
OS
_
A
A
OS
_
A
A
SC
_
A
/
1
0
0
0
SC
_
A
/
1
0
0
0
SC
_
A
/
1
m
_
A
A
A
A
1
A
A
A
A
2
1
z
2
1
y
2
1
x
=
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com