Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4149 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4149 Datasheet HTML 1Page - STMicroelectronics AN4149 Datasheet HTML 2Page - STMicroelectronics AN4149 Datasheet HTML 3Page - STMicroelectronics AN4149 Datasheet HTML 4Page - STMicroelectronics AN4149 Datasheet HTML 5Page - STMicroelectronics AN4149 Datasheet HTML 6Page - STMicroelectronics AN4149 Datasheet HTML 7Page - STMicroelectronics AN4149 Datasheet HTML 8Page - STMicroelectronics AN4149 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
DocID023523 Rev 2
3/43
AN4149
List of figures
List of figures
Figure 1.
Line and inductor currents in CCM PFC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Line and inductor currents in TM PFC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 3.
Block diagram of an FOT-controlled PFC preregulator. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 4.
Line-modulated FOT modulator internal block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Line-modulated FOT modulator key waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 6.
Boundary between DCM and CCM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 7.
Typical frequency change along a line half-cycle in a boost PFC operated in LM FOT . . . . 8
Figure 8.
Typical frequency change along a line half-cycle in a boost PFC operated in TM . . . . . . . . 8
Figure 9.
LM FOT controlled boost PFC: current waveforms (line current) . . . . . . . . . . . . . . . . . . . . . 8
Figure 10.
LM FOT controlled boost PFC: current waveforms (boost inductor current envelope). . . . . 8
Figure 11.
Line-modulated, FOT controlled boost PFC: input current harmonic contents . . . . . . . . . . . 9
Figure 12.
Total MOSFETs losses in the 350 W FOT PFC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 13.
Multiplier characteristics family for VFF = 1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 14.
Multiplier characteristics family for VFF = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 15.
Small signal model of a PFC stage with a constant-power load (DC-DC converter) . . . . . 30
Figure 16.
Bode plots of the control-to-output transfer function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 17.
Schematic diagram of a type II compensation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 18.
Bode plots of a type II amplifier's transfer function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 19.
Bode plots of the closed-loop transfer function. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 20.
115 Vac step load (50 % to 100 %): improper compensation . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 21.
115 Vac step load (50 % to 100 %): good compensation . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 22.
EVL4984-350W PCB layout (SMT side view). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 23.
Excel spreadsheet design specification input table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 24.
Other design data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 25.
CCM PFC schematic based on the L4984D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 26.
Excel spreadsheet BOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com