Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4149 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 33Page - STMicroelectronics AN4149 Datasheet HTML 34Page - STMicroelectronics AN4149 Datasheet HTML 35Page - STMicroelectronics AN4149 Datasheet HTML 36Page - STMicroelectronics AN4149 Datasheet HTML 37Page - STMicroelectronics AN4149 Datasheet HTML 38Page - STMicroelectronics AN4149 Datasheet HTML 39Page - STMicroelectronics AN4149 Datasheet HTML 40Page - STMicroelectronics AN4149 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
DocID023523 Rev 2
37/43
AN4149
Layout hints
5
Layout hints
The layout of any converter is a very important phase in the design process which is
sometimes neglected by the designers. Even if the layout phase sometimes looks to be
time-consuming, a good layout undoubtedly saves time during the functional debugging and
the qualification phases. Additionally, a power supply circuit with a correct layout needs
smaller EMI filters or less filter stages, allowing consistent cost saving.The L4984D does not
need any special attention to the layout, just requiring that the general layout rules for any
power converter be carefully applied. Basic rules are listed here below, using the EVL4984-
350W PCB layout as a reference (Figure 23).
Keep the power and signal RTN separated. Connect the return pins of the
components carrying high current such as the input filter, sense resistors or output
capacitors as close as possible. This point is the RTN star point. A downstream
converter must be connected to this return point.
Minimize the length of the traces relevant to the boost inductor, MOSFET's drain,
boost rectifier and the output capacitor.
Keep signal components as close as possible to each relevant pin of the L4984D.
Specifically, components and traces relevant to the error amplifier have to be
placed far from traces and connections carrying signals with high dV/dt, such as
the MOSFET's drain.
Connect heatsinks to power GND.
Add an external shield to the boost inductor and connect it to power GND.
Please connect the RTN of the signal components including the feedback,
PFC_OK and MULT dividers close to pin 8 (GND) of the L4984D.
Connect a ceramic capacitor (100÷470 nF) close to pin #10 (VCC) and to pin #8
(GND) of the L4984D. Connect this point to the RTN star point (see rule 1).
Figure 22. EVL4984-350W PCB layout (SMT side view)
AM13320v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com