Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4158 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 3Page - STMicroelectronics AN4158 Datasheet HTML 4Page - STMicroelectronics AN4158 Datasheet HTML 5Page - STMicroelectronics AN4158 Datasheet HTML 6Page - STMicroelectronics AN4158 Datasheet HTML 7Page - STMicroelectronics AN4158 Datasheet HTML 8Page - STMicroelectronics AN4158 Datasheet HTML 9Page - STMicroelectronics AN4158 Datasheet HTML 10Page - STMicroelectronics AN4158 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DocID023635 Rev 2
7/34
AN4158
Stepper motor basics
34
1.1
Full step and half step
The driving sequence described in the previous section is called full step one phase on (or
wave driving) because the rotor is moved by one step at a time feeding only one of the two
phases of the motor at a time.
It is also possible to drive both the phases in order to generate a magnetic field positioned
halfway between the two phases (1a, 2a, 3a and 4a positions in Figure 3). This driving
mode is called full step two-phase on (or normal driving). In this case, at the same phase
current, the magnetic field is higher by a factor of
2 and the corresponding motor torque is
multiplied by the same factor.
Figure 2. Torque during a step change
θ
Stat
θ
HOLD
θ
HOLD
-
θ
Rotor
T
Mot
T
Load
T
MAX
At the step change the displacement
angle is about 90° and the maximum
torque is applied
The rotor approaches
the target step position
and stops when Tmot
is equal to TLoad
AM15104v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com