| Electronic Components Datasheet Search |
|
AN4158 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4158 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 34 page ![]() DocID023635 Rev 2 25/34 AN4158 STMicroelectronics enhanced current control 34 Figure 21. Current control at falling step (reference current decreased) 4.2 Predictive current control(a) The peak current control with fixed off-time has two cons: The average current value is not controlled, so the actual rotor position is affected by some errors (see Section 3.3 on page 19). The PWM frequency is not fixed but it is determined by the on-time which varies according to several conditions (current value, BEMF, etc.). The new predictive current control provided by the L6472, which is based on the peak current control described in Section 4.1 on page 21, allows these limits to be reduced and removed in some cases. The control system operation can be configured through the parameters listed in Table 6. The tON_MIN, tOFF_FAST and tFAST_STEP parameters act as described in Section 4.1, but tOFF listed in Table 5 on page 21 is replaced by the tSW and tOFF_MIN combination as described in Section 4.2.2. t ON_MIN t ON_MIN t OFF t fast t OFF t fast t fast,fall t fast,fall Causes the falling step a fast decay of t fast,fall = t FAST_STEP /4 is used. t on t on > t ON_MIN t on < tON_MIN On-time is below the target minimum value. A further fast decay is used with duration of t fast,fall = 2 x tfast,fall The maximum value is t FAST_STEP On-time is over the target minimum value. System returns to normal operation using the previous decay stategy (slow only or slow + fast). t on Falling step Reference current AM15123v1 a. Not available for the L6474. Table 6. Predictive current control parameters Symbol Name Description tSW Target switching time It sets the target PWM frequency of the control system. tON_MIN Target minimum on-time It defines which is the shortest on-time (i.e.: the time to reach reference current) which guarantees a correct operation of the control algorithm (Figure 16). tOFF_MIN Minimum off-time It defines which is the shortest off-time (i.e.: the current decay duration) which guarantees a correct operation of the control algorithm. tOFF_FAST Maximum fast decay time It is the maximum duration of a fast decay during operation of the current control system. tFAST_STEP Maximum step fall time It is the maximum duration of a fast decay during reference current changing. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |