| Electronic Components Datasheet Search |
|
AN4158 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4158 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 34 page ![]() DocID023635 Rev 2 19/34 AN4158 Peak current control with PWM and constant off-time 34 3.3 Microstepping As described in Section 1.2 on page 9, by driving the stepper motor phases with sinusoidal currents the step resolution and the motion smoothness can be improved (microstepping). In order to obtain a microstepping operation using the peak current control with fixed off- time, the reference voltage (VRef) of each phase must be varied in order to obtain the respective microstep current pairs in the proper sequence (see Equation 2 on page 10 and Table 4 on page 10). During the positive slope of the sinewave, the reference current value is increased at each microstep change and the control algorithm reaches the new target value in a single control cycle, as shown in Figure 14. During the negative slope of the sinewave, the current reference is progressively reduced down to the zero and the control algorithm may fail to properly follow the variations (Figure 14). Figure 14. Peak current control in microstepping (slow decay only) The key point is that, except for particular implementations, the phase current can be sensed during the on-time only. As a consequence, the reference increase can be easily managed extending the on-time until the new threshold is reached, but the decrease must be performed as a sequence of off-time which slowly decreases the phase current until the attainment of the threshold. This issue is particularly critical when the slow decay is used because of the limited current decay during the off-time. On the other hand, when the fast decay is used, the large current drop may limit the microstepping effectiveness causing a current ripple bigger than the minimum microstep-to-microstep variation. Another limitation of the microstepping implementation through the peak current control algorithm is the impossibility of effectively controlling the average phase current. Whereas the actual average position of the stator magnetic field is related to the average phase current values (see Figure 15), the peak current control introduces an error in its positioning and then in microstepping implementation. Poor performance in correspondance with the zero crossing of the current sinewave AM15116v1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |