| Electronic Components Datasheet Search |
|
AN4158 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4158 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 34 page ![]() STMicroelectronics enhanced current control AN4158 24/34 DocID023635 Rev 2 Figure 20 shows the system behavior in the case of a rising step. Figure 20. Current control at rising step (reference current increased) In the case of falling step a sequence of fast decays is immediately used regardless of the control cycle conditions. The decay strategy and the respective tFAST value are unchanged. The system behavior in the case of a falling step is described in detail in Section 4.1.2. When the reference current is set to zero (zero crossing of the current sinewave) or when the motor is stopped, the control system is reset to the default: slow decay only and tFAST equal to 1/8th of tOFF_FAST. 4.1.2 Auto adjusted duration of fast decay at falling steps When the reference current is reduced by a microstep change (falling step), the control system immediately uses a fast decay in order to reach the new target value as soon as possible. The fast decay duration is adjusted using an algorithm similar to the one used during normal operation (see Section 4.1). At first occurrence of this event, the fast decay length is set to a quarter of the programmed maximum step fall time (tFAST_STEP). At the end of the decay, the phase is turned on and the on-time is measured; if its duration is below the programmed minimum threshold (tON_MIN) a further fast decay is performed with double the length of the previous. The maximum fast decay duration is imposed by the tFAST_STEP parameter. The fast decay sequence continues until the on-time exceeds the programmed minimum limit (see Figure 21). At the next falling step occurrence the last fast decay value is used. When the reference current is set to zero (zero crossing of the current sinewave) or the motor is stopped, the fast decay time is reset to the starting value of tFAST_STEP /4. Note: The fast decay time used during falling step sequence is totally independent from the one used during the current control. t ON_MIN t The rising step causes the system to switch to slow decay only strategy. The t fast value is halved. (lower limit is tOFF_FAST /8) OFF t fast t fast t OFF t on < tON_MIN the fast decay duration is half of the one used during the control of the previous current reference level. Rising step Reference current At first minimum on-time violation AM15122v1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |