Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN977 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 1 Page - STMicroelectronics

  AN977 Datasheet HTML 1Page - STMicroelectronics AN977 Datasheet HTML 2Page - STMicroelectronics AN977 Datasheet HTML 3Page - STMicroelectronics AN977 Datasheet HTML 4Page - STMicroelectronics AN977 Datasheet HTML 5Page - STMicroelectronics AN977 Datasheet HTML 6Page - STMicroelectronics AN977 Datasheet HTML 7Page - STMicroelectronics AN977 Datasheet HTML 8Page - STMicroelectronics AN977 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AN977/0203
1/17
AN977
APPLICATION NOTE
GUIDELINES FOR UPGRADING FROM THE ST92F120
(0.50 µm) TO THE ST92F124/F150/F250 (0.35 µm)
by Microcontroller Division Applications
INTRODUCTION
Microcontrollers for embedded applications tend to integrate more and more peripherals as
well as larger memories. Providing the right products with the right features such as Flash, em-
ulated EEPROM and a wide range of peripherals at the right cost is always a challenge. That
is why it is mandatory to shrink the microcontroller die size regularly as soon as the technology
will allow it. This major step applies to the ST92F120.
The purpose of this document is to present the differences between the ST92F120 microcon-
troller in 0.50 micron technology versus the ST92F124/F150/F250 in 0.35 micron technology.
It provides some guidelines for upgrading applications for both its software and hardware as-
pects.
In the first part of this document, the differences between the ST92F120 and ST92F124/F150/
F250 devices are listed. In the second part, the modifications required for the application hard-
ware and software are described.
1


Similar Part No. - AN977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN97 MAXIM-AN97 Datasheet
465Kb / 5P
Telephone Tone Generator Requires No trimming
Jul 09, 1998
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
AN971 STMICROELECTRONICS-AN971 Datasheet
74Kb / 7P
The goal of this application note is to present an practical example
AN974 STMICROELECTRONICS-AN974 Datasheet
72Kb / 6P
Real time clock with ST7 Timer Output Compare
AN975 STMICROELECTRONICS-AN975 Datasheet
78Kb / 11P
As part of a process of continuous improvement
More results

Similar Description - AN977

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
Demonstration board user guidelines for the
13-Mar-2009
AN2862 STMICROELECTRONICS-AN2862 Datasheet
164Kb / 7P
Demonstration board user guidelines for the TS2007FC
06-Feb-2009
AN1474 STMICROELECTRONICS-AN1474 Datasheet
51Kb / 10P
ST92F150 AND ST92F120 PROBLEM RESOLUTION GUIDELINES
AN2197 STMICROELECTRONICS-AN2197 Datasheet
92Kb / 13P
Guidelines for migrating
04-Oct-2005
AN3206 STMICROELECTRONICS-AN3206 Datasheet
287Kb / 14P
PCB design guidelines for the STM32W108 platform
16-Mar-2011
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
PCB design guidelines for the SPIRIT1 transceiver
18-Oct-2012
logo
Exar Corporation
DAN-173 EXAR-DAN-173 Datasheet
42Kb / 3P
UPGRADING FROM XR88C681 TO XR88C92/192
DAN-174 EXAR-DAN-174 Datasheet
42Kb / 3P
UPGRADING FROM XR68C681 TO XR68C92/192
logo
PHOENIX CONTACT
2903171 PHOENIX-2903171 Datasheet
114Kb / 3P
Installation guidelines for the product groups
104155 PHOENIX-104155 Datasheet
114Kb / 3P
Installation guidelines for the product groups
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com