Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN977 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 5 Page - STMicroelectronics

  AN977 Datasheet HTML 1Page - STMicroelectronics AN977 Datasheet HTML 2Page - STMicroelectronics AN977 Datasheet HTML 3Page - STMicroelectronics AN977 Datasheet HTML 4Page - STMicroelectronics AN977 Datasheet HTML 5Page - STMicroelectronics AN977 Datasheet HTML 6Page - STMicroelectronics AN977 Datasheet HTML 7Page - STMicroelectronics AN977 Datasheet HTML 8Page - STMicroelectronics AN977 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
Table 6. Memory Structure for 64K ST92F124/F150/F250 Flash device
Since the user reset vector location is set at address 0x000000, the application can use sector
F0 as an 8-Kbyte user bootloader area, or sectors F0 and F1 as a 16-Kbyte area.
1.4.3 Flash & E3PROM Control Register Location
In order to save a data pointer register (DPR), the Flash and E3PROM (Emulated E2PROM)
control registers are remapped from page 0x89 to page 0x88 where the E3PROM area is lo-
cated. This way, only one DPR is used to point to both the E3PROM variables and Flash &
E2PROM control registers. But the registers are still accessible at the previous address. The
new register addresses are:
– FCR
0x221000 & 0x224000
– ECR
0x221001 & 0x224001
– FESR0
0x221002 & 0x224002
– FESR1
0x221003 & 0x224003
In the application, these register locations are usually defined in the linker script file.
Hardware Emulated EEPROM sec-
tors
(reserved)
228000h to 22CFFFh
8 Kbytes
Emulated EEPROM
220000h to 2203FFh
1 Kbyte
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 231F7Fh
8064 bytes
OTP Area
Protection Registers (reserved)
231F80h to 231FFBh
231FFCh to 231FFFh
124 bytes
4 bytes
Flash 0 (F0)
000000h to 001FFFh
8 Kbytes
Flash 1 (F1)
002000h to 003FFFh
8 Kbytes
Flash 2 (F2)
004000h to 00BFFFh
32 Kbytes
Flash 3 (F3)
010000h to 013FFFh
16 Kbytes
Hardware Emulated EEPROM sec-
tors
(reserved)
228000h to 22CFFFh
8 Kbytes
Emulated EEPROM
220000h to 2203FFh
1 Kbyte
Sector
Addresses
Max Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com