Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN977 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 3 Page - STMicroelectronics

  AN977 Datasheet HTML 1Page - STMicroelectronics AN977 Datasheet HTML 2Page - STMicroelectronics AN977 Datasheet HTML 3Page - STMicroelectronics AN977 Datasheet HTML 4Page - STMicroelectronics AN977 Datasheet HTML 5Page - STMicroelectronics AN977 Datasheet HTML 6Page - STMicroelectronics AN977 Datasheet HTML 7Page - STMicroelectronics AN977 Datasheet HTML 8Page - STMicroelectronics AN977 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
1.3 SCHMITT TRIGGERS
– I/O ports with Special Schmitt Triggers are no longer present on the ST92F124/F150/F250
but are replaced by I/O ports with High Hysteresis Schmitt Triggers. The related I/O pins are:
P6[5-4].
– Differences on the VIL and VIH. See Table 2.
Table 2. Input Level Schmitt Trigger DC Electrical Characteristics
(VDD = 5 V ± 10%, TA = –40° C to +125° C, unless otherwise specified)
(1)
Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported
for design guide lines not tested in production.
1.4 MEMORY ORGANIZATION
1.4.1 External memory
On the ST92F120, only 16 bits were externally available. Now, on the ST92F124/F150/F250
device, the 22 bits of the MMU are externally available. This organization is used to make it
Symbol
Parameter
Device
Value
Unit
Min
Typ(1)
Max
VIH
Input High Level
Standard Schmitt Trigger
P2[5:4]-P2[1:0]-P3[7:4]-P3[2:0]-
P4[4:3]-P4[1:0]-P5[7:4]-P5[2:0]-
P6[3:0]-P6[7:6]-P7[7:0]-P8[7:0]-
P9[7:0]
ST92F120
0.7 x VDD
V
ST92F124/F150/F250
0.6 x VDD
V
VIL
Input Low Level
Standard Schmitt Trigger
P2[5:4]-P2[1:0]-P3[7:4] P3[2:0]-
P4[4:3]-P4[1:0]-P5[7:4]-P5[2:0]-
P6[3:0]-P6[7:6]-P7[7:0]-P8[7:0]-
P9[7:0]
ST92F120
0.8
V
ST92F124/F150/F250
0.2 x VDD
V
Input Low Level
High Hyst.Schmitt Trigger
P4[7:6]-P6[5:4]
ST92F120
0.3 x VDD
V
ST92F124/F150/F250
0.25 x VDD
V
VHYS
Input Hysteresis
Standard Schmitt Trigger
P2[5:4]-P2[1:0]-P3[7:4]-P3[2:0]-
P4[4:3]-P4[1:0]-P5[7:4]-P5[2:0]-
P6[3:0]-P6[7:6]-P7[7:0]-P8[7:0]-
P9[7:0]
ST92F120
600
mV
ST92F124/F150/F250
250
mV
Input Hysteresis
High Hyst. Schmitt Trigger
P4[7:6]
ST92F120
800
mV
ST92F124/F150/F250
1000
mV
Input Hysteresis
High Hyst. Schmitt Trigger
P6[5:4]
ST92F120
900
mV
ST92F124/F150/F250
1000
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com