Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN977 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 2 Page - STMicroelectronics

  AN977 Datasheet HTML 1Page - STMicroelectronics AN977 Datasheet HTML 2Page - STMicroelectronics AN977 Datasheet HTML 3Page - STMicroelectronics AN977 Datasheet HTML 4Page - STMicroelectronics AN977 Datasheet HTML 5Page - STMicroelectronics AN977 Datasheet HTML 6Page - STMicroelectronics AN977 Datasheet HTML 7Page - STMicroelectronics AN977 Datasheet HTML 8Page - STMicroelectronics AN977 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
1 UPGRADING FROM THE ST92F120 TO THE ST92F124/F150/F250
ST92F124/F150/F250 microcontrollers using 0.35 micron technology are similar to ST92F120
microcontrollers using 0.50 micron technology, but shrinking is used to add some new fea-
tures and to improve the performances of ST92F124/F150/F250 devices. Almost all periph-
erals keep the same features, which is why this document focuses only on the modified sec-
tions. If there is no difference between the 0.50 micron peripheral compared to the 0.35 one,
other than its technology and design methodology, the peripheral is not presented. The new
analog to digital converter (ADC) is the major change. This ADC uses a single 16 channel A/
D converter with 10 bits resolution instead of two 8-channel A/D converters with 8-bit resolu-
tion. The new memory organization, new reset and clock control unit, internal voltage regula-
tors and new I/O buffers will almost be transparent changes for the application. The new pe-
ripherals are the Controller Area Network (CAN) and the asynchronous Serial Communication
Interface (SCI-A).
1.1 PINOUT
The ST92F124/F150/F250 was designed in order to be able to replace the ST92F120. Thus,
pinouts are nearly the same. The few differences are described below:
– Clock2 was remapped from port P9.6 to P4.1
– Analog input channels were remapped according to the table below.
Table 1. Analog Input Channel Mapping
– RXCLK1(P9.3), TXCLK1/ CLKOUT1 (P9.2), DCD1 (P9.3), RTS1 (P9.5) were removed be-
cause SCI1 was replaced by SCI-A.
– A21(P9.7) down to A16 (P9.2) were added in order to be able to address up to 22 bits exter-
nally.
– 2 new CAN peripheral devices are available: TX0 and RX0 (CAN0) on ports P5.0 and P5.1
and TX1 and RX1 (CAN1) on dedicated pins.
1.2 RW RESET STATE
Under Reset state, RW is held high with an internal weak pull-up whereas it was not on the
ST92F120.
PIN
ST92F120 Pinout
ST92F124/F150/F250 Pinout
P8.7
A1IN0
AIN7
...
...
...
P8.0
A1IN7
AIN0
P7.7
A0IN7
AIN15
...
...
...
P7.0
A0IN0
AIN8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com