Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN977 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN977 Datasheet HTML 6Page - STMicroelectronics AN977 Datasheet HTML 7Page - STMicroelectronics AN977 Datasheet HTML 8Page - STMicroelectronics AN977 Datasheet HTML 9Page - STMicroelectronics AN977 Datasheet HTML 10Page - STMicroelectronics AN977 Datasheet HTML 11Page - STMicroelectronics AN977 Datasheet HTML 12Page - STMicroelectronics AN977 Datasheet HTML 13Page - STMicroelectronics AN977 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
2 HARDWARE & SOFTWARE MODIFICATIONS TO THE APPLICATION BOARD
2.1 PINOUT
– Due to its remapping, CLOCK2 can not be used in the same application.
– SCI1 can only be used in asynchronous mode (SCI-A).
– The modifications of the analog input channels mapping can be easily handled by software.
2.2 INTERNAL VOLTAGE REGULATOR
Due to the presence of the internal voltage regulator, external capacitors are required on the
Vreg pins in order to provide the core with a stabilized power supply. In the ST92F124/F150/
F250, the core operates at 3.3V, while the I/Os still operate at 5V. The minimum recom-
mended value is 600 nF or 2*300 nF and the distance between the Vreg pins and the capac-
itors must be kept to a minimum.
No other modifications need to be made to the hardware application board.
2.3 FLASH & EEPROM CONTROL REGISTERS AND MEMORY ORGANIZATION
To save 1 DPR, the symbol address definitions that correspond to the Flash and EEPROM
control registers can be modified. This is generally done in the linker script file. The 4 registers,
FCR, ECR, and FESR[0:1], have been defined at 0x221000, 0x221001, 0x221002 and
0x221003, respectively.
The 128-Kbyte Flash sector reorganization also affects the linker script file. It must be modi-
fied in compliance with the new sector organization.
Refer to Section 1.4.2 for the description of the new Flash sector organization.
2.4 RESET AND CLOCK CONTROL UNIT
2.4.1 Oscillator
2.4.1.1 Crystal Oscillator
Even if the compatibility with the ST92F120 board design is maintained, it is no longer recom-
mended to insert a 1MOhm resistor in parallel with the external crystal oscillator on a
ST92F124/F150/F250 application board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com