Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2014 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 49Page - STMicroelectronics AN2014 Datasheet HTML 50Page - STMicroelectronics AN2014 Datasheet HTML 51Page - STMicroelectronics AN2014 Datasheet HTML 52Page - STMicroelectronics AN2014 Datasheet HTML 53Page - STMicroelectronics AN2014 Datasheet HTML 54Page - STMicroelectronics AN2014 Datasheet HTML 55Page - STMicroelectronics AN2014 Datasheet HTML 56Page - STMicroelectronics AN2014 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
DocID10701 Rev 10
53/65
AN2014
Power supply loss and application reset
64
6.2
Power supply loss
Non-volatile memory data integrity of is a key condition as applications rely on these stored
values, mainly at system start up Power loss is critical for an EEPROM device when a Write
instruction is being issued or executed. In this event, the on-going write request or the
internal write process in the EEPROM may not have been completed, leading to data
corruption and data inconsistency.
6.2.1
Hardware recommendations
Application designer will find below some guidelines and recommendations to handle in the
best conditions power supply loss on systems designed with STMicroelectronics EEPROM
memories.
The power supply must designed in such a way that power loss is detected and backup
supply is supplied for a time allowing safe emergency ending of the system operations. The
list below gives some useful elements to build a robust power management system:
use voltage regulators including an output voltage sensor. It gives power loss
information to the Master before the supply is too low for system operation.
use available MCU features such as the Auxiliary Voltage Detector and External
Voltage Detector pin to create a delay between the detection of the low voltage and the
system reset.
use diodes, bipolar transistors or analog switches to create specific areas with backup
power capacitors.
The extra delay time gained should be used either to allow the EEPROM to complete any
on-going write process or to allow the Master to finish or interrupt safely the current
communication with the EEPROM. In a running application it is not possible to distinguish
these two possibilities, therefore the below recommendations must be considered all
together.
6.2.2
Supply voltage energy tank capacitor
In case of inadvertent power loss, applications are very often faced with the situation where
the EEPROM is operating while power supply is falling down.
It is not recommended to operate the device and in particular to initiate write operations
when the device is undergoing steady VCC transitions. ST EEPROM devices can however
handle write cycles during smooth power supply transitions. A power supply transition is
considered smooth when it allows a complete write cycle to be completed while VCC is
continuously falling or rising within the authorized VCC range. Taking advantage of this
possibility, a power backup capacitor can be designed to allow for the EEPROM to complete
its on-going self-timed write operation in case of inadvertent power loss.
The capacitor value is calculated so as to allow for the full write cycle to be executed:
l is the EEPROM supply current (ICC max)
t is the EEPROM write time (tW)
U is the voltage drop from the nominal value to VCC min of the EEPROM
Q = C × U = I × t => C = (l × t) / U
For instance:
C = (3 mA × 5 ms) / 2 V = 7.5 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com