Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2014 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 26Page - STMicroelectronics AN2014 Datasheet HTML 27Page - STMicroelectronics AN2014 Datasheet HTML 28Page - STMicroelectronics AN2014 Datasheet HTML 29Page - STMicroelectronics AN2014 Datasheet HTML 30Page - STMicroelectronics AN2014 Datasheet HTML 31Page - STMicroelectronics AN2014 Datasheet HTML 32Page - STMicroelectronics AN2014 Datasheet HTML 33Page - STMicroelectronics AN2014 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Hardware considerations
AN2014
30/65
DocID10701 Rev 10
Figure 24. Write Protect input W
4.2.3
Serial Data input (D) and Serial Clock (C)
The Serial Data Input (D) and Serial Clock (C) signals are connected to a CMOS Schmitt
trigger input buffer and should be controlled by push-pull buffers (from the SPI master bus).
An external pull-down resistor on Serial Clock (C) signal will prevent “out-of-specification”
configurations like simultaneous rising edges on S and C when the Master releases the SPI
bus (violation of the tSHCH and tCHSH timings). An external pull-down resistor on the Serial
Data Input (D) (see Figure 27: Recommended SPI connections - robust design) will optimize
the signal control and the device standby current.
The pull-down resistor value on C is optimized if its value is larger than the pull-up resistor
value on the Chip Select (S) line. In this case, if the SPI bus is released (HiZ state), the Chip
Select (S) line goes high faster than the Clock (C) line goes low and so deselects the device
before the Clock signal crosses the input buffer trigger point (around VCC/2).
The input pin leakage is negligible, typically a few nA. The input schematic, including the
protection circuit, does not offer any open path to the VSS or VCC.
Note:
If the Clock (C) line cannot be pulled down (and must be pulled up due to other system
constraints), it is recommended to choose a lower pull-up resistor value (resistor value at
least three times lower) than the pull-up resistor value on the Chip Select (S) line. Moreover,
the "out-of-specification" configuration can also be minimized by connecting the Hold
(HOLD) pin to the reset signal (active low) of the Master: if the Master leaves the SPI bus in
high impedance, the Hold (HOLD) line goes low, locking the Clock to a low level (if already
low), thus preventing the occurrence of a rising edge on both the Clock and Chip Select
lines (this prevents the violation of the tCHSH and tSHCH timings).
4.2.4
Hold (HOLD)
The Hold (HOLD) is a CMOS Schmitt trigger input buffer used to pause communication. It
should be driven by a push-pull buffer (SPI master bus) for a better timing control, or tied
directly to VCC if unused. The hold pin cannot be left floating. The Hold input can be set
before the EEPROM power up and can remain high after power down. The Hold input will
not sink a current even if a voltage higher than VCC is applied to it.
The input pin leakage is negligible, typically a few nA. The input schematic, including the
protection circuit, does not offer any open path to the VSS or VCC (see Figure 23: Chip
Select, Clock, Data, Hold input pins).
Ai11066
W pin
ESD/EOS Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com