Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2014 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 3Page - STMicroelectronics AN2014 Datasheet HTML 4Page - STMicroelectronics AN2014 Datasheet HTML 5Page - STMicroelectronics AN2014 Datasheet HTML 6Page - STMicroelectronics AN2014 Datasheet HTML 7Page - STMicroelectronics AN2014 Datasheet HTML 8Page - STMicroelectronics AN2014 Datasheet HTML 9Page - STMicroelectronics AN2014 Datasheet HTML 10Page - STMicroelectronics AN2014 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
DocID10701 Rev 10
7/65
AN2014
EEPROM cell and memory array architecture
64
1
EEPROM cell and memory array architecture
1.1
Floating gate operation within an EEPROM cell
From the user’s point of view, this EEPROM device is a circuit for storing digital information.
To interface with the EEEPROM device a set of standard instructions are used. Behind this
simple interface, however, there are a number of sensitive analog and physical processes.
Figure 1. Structure of an EEPROM floating gate transistor, and circuit symbol
Figure 1. shows the key component of a single EEPROM cell, the floating gate transistor
(also known as a FLOTOX transistor). Figure 2. shows how it can be considered to be just
like any other type of MOSFET device. As the voltage, Vg, is increased on the Control Gate
electrode, so the current flowing through the drain, Id, increases in proportion. For the
present, we can assume that this is a fairly linear relationship.
Figure 2. MOSFET-like operation
Figure 3 shows what happens if the floating Gate can be made more negatively charged, by
filling it with extra electrons. This is used for the Erased state of the EEPROM cell. Figure 4
shows what happens if the floating Gate can be made less negatively charged, by emptying
it some of its normal electrons. This is used for the Written state of the EEPROM cell.
AI10227
Tunnel Oxide
Control Gate
Floating Gate
Source
Drain
Gate Oxide
Oxide
Channel Region
Drain
Source
Control Gate
Floating Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com