Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2014 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 21Page - STMicroelectronics AN2014 Datasheet HTML 22Page - STMicroelectronics AN2014 Datasheet HTML 23Page - STMicroelectronics AN2014 Datasheet HTML 24Page - STMicroelectronics AN2014 Datasheet HTML 25Page - STMicroelectronics AN2014 Datasheet HTML 26Page - STMicroelectronics AN2014 Datasheet HTML 27Page - STMicroelectronics AN2014 Datasheet HTML 28Page - STMicroelectronics AN2014 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
DocID10701 Rev 10
25/65
AN2014
Hardware considerations
64
Figure 17. Serial Data input/output SDA
On the Master side, the SDA output must be an open drain output. The Master SDA output
must not be a push-pull buffer as this would lead to a conflict when the Master drives high
SDA line and when the EEPROM drives low the SDA line (this induces a high current
between the power supply of the Master and the ground of the EEPROM device). This event
occurs each time when the I2C device acknowledges an instruction from the Master (see
Figure 18).
Figure 18. SDA bus conflict with push-pull buffers (NOT RECOMMENDED)
1. RS > VCC/IO with IO = min(Master IOH, EEPROM IOL). Without the RS resistor the current is limited by the
Master buffer and transistor T2 producing overstress at both Master and EEPROM side.
4.1.3
Serial clock (SCL)
The M24xxx serial clock (SCL) input is a CMOS Schmitt trigger. In applications with a
multiple master configuration, the master must have an open drain output with an external
pull-up resistor. In applications using a single master configuration, the SCL line can be
Ai11088
SDA pad
ESD/EOS Protection
RC Filter
Schmitt trigger
Open-drain Resistor
INPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com