Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2476 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 3Page - STMicroelectronics AN2476 Datasheet HTML 4Page - STMicroelectronics AN2476 Datasheet HTML 5Page - STMicroelectronics AN2476 Datasheet HTML 6Page - STMicroelectronics AN2476 Datasheet HTML 7Page - STMicroelectronics AN2476 Datasheet HTML 8Page - STMicroelectronics AN2476 Datasheet HTML 9Page - STMicroelectronics AN2476 Datasheet HTML 10Page - STMicroelectronics AN2476 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
AN2476
Power supply and clocks
7/49
1.3.2
Power scheme 2: dual external 3.3V and 1.8V power sources
In this configuration, the internal voltage regulators are switched off by forcing the
VREG_DIS pin to high level. This scheme has the advantage of saving power consumption
when the 1.8V power supply is already available in the application. V18 and V18_BKP are
provided externally through the V18REG, V18 and V18_BKP power pins.
VREG_DIS pin is tied to high level which disables the Main Voltage Regulator and the Low
Power Voltage Regulator.
All digital power pins (V18REG, V18 and V18_BKP) must be externally shorted to the same
1.8V power supply source. Internally, VCORE and VBACKUP are shorted by the Power Switch.
In this scheme, STANDBY Mode is not available.
Figure 4.
Power supply scheme 2 (3.3V and 1.8V supplies, VREGDIS=1)
3.3V
MAIN
VOLTAGE
GP I/Os
OUT
ADC
ADCIN
IN
V18_BKP
+/-0.3V
VIO=3.3V
VDD_ADC
VSS_ADC
PLL
3.3V
3.3V
VSS_PLL
VSS_IO
VDD_IO
V18REG
VDD_PLL
VSS_BKP
REGULATOR
VREG_DIS
OFF
1.8V
VSS18
I/O LOGIC
OFF
KERNEL
BACKUP
(CORE &
DIGITAL &
(OSC32K, RTC
MEMORIES)
CIRCUITRY
WAKEUP LOGIC,
BACKUP REGISTERS)
VDD_IO
POWER
SWITCH
VCORE
VBACKUP
V18
LOW POWER
VOLTAGE
REGULATOR
NOTE : THE EXTERNAL 3.3V POWER SUPPLY MUST ALWAYS BE KEPT ON
VMVREG
VLPVREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com