Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2476 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2476 Datasheet HTML 1Page - STMicroelectronics AN2476 Datasheet HTML 2Page - STMicroelectronics AN2476 Datasheet HTML 3Page - STMicroelectronics AN2476 Datasheet HTML 4Page - STMicroelectronics AN2476 Datasheet HTML 5Page - STMicroelectronics AN2476 Datasheet HTML 6Page - STMicroelectronics AN2476 Datasheet HTML 7Page - STMicroelectronics AN2476 Datasheet HTML 8Page - STMicroelectronics AN2476 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
AN2476
Power supply and clocks
5/49
1.3
Power supply schemes
1.3.1
Power scheme 1: single external 3.3V power source
In this configuration, the internal voltage regulators are switched on by forcing the
VREG_DIS pin to low level. The VCORE supply required for the kernel logic and the VBACKUP
supply required for the backup circuitry are generated internally by the Main Voltage
Regulator or the Low Power Voltage Regulator (depending on the selected low power
mode). This scheme has the advantage of requiring only one power source. Refer to
Figure 1 on page 5.
At power-up and during NORMAL mode (all operating modes except STOP and STANDBY
Modes):
●
The Main Voltage Regulator powers both VCORE supply required for the kernel logic
and the VBACKUP supply required for the backup circuitry.
●
The Low Power Regulator is not used
Figure 1.
Power supply scheme 1 (single 3.3V supply VREGDIS=0) in NORMAL
mode
3.3V
MAIN
VOLTAGE
GP I/Os
OUT
ADC
ADCIN
KERNEL LOGIC
BACKUP
IN
V18_BKP
(CPU &
DIGITAL &
+/-0.3V
VIO=3.3V
VDD_ADC
VSS_ADC
PLL
3.3V
3.3V
VSS_PLL
VSS_IO
VDD_IO
V18REG
VDD_PLL
VSS18
VSS_BKP
OSC32K, RTC
REGULATOR
MEMORIES)
CIRCUITRY
WAKEUP LOGIC,
VREG_DIS
BACKUP REGISTERS)
I/O LOGIC
IN STANDBY MODE THIS BLOCK IS KEPT POWERED ON
NORMAL
POWER
SWITCH
MODE
V18
10µF
33nF
1µF
1µF
LOW POWER
VOLTAGE
REGULATOR
VBACKUP
VCORE
V18
VLPVREG ~1.4V
VMVREG = 1.8V
VSS18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com