| Electronic Components Datasheet Search |
|
AN3422 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3422 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 52 page ![]() Peripheral migration AN3422 14/52 Doc ID 018976 Rev 2 4.2 System architecture The STM32L MCU family, based on the Cortex-M3 core, extends ST’s ultra-low-power portfolio in performance, features, memory size and package pin count. It combines very high performance and ultra-low power consumption, through the use of an optimized architecture and ST’s proprietary ultra-low leakage process, that is also used in the STM8L family. The STM32L family offers three different product lines (STM32L Medium-density, STM32L Medium-density+ and STM32L High-density). 4.3 Memory mapping The peripheral address mapping has been changed in the L1 series vs. F1 series, the main change concerns the GPIOs which have been moved from the APB bus to the AHB bus to allow them to operate at maximum speed. The tables below provide the peripheral address mapping correspondence between L1 and F1 series. CEC Yes NA NA NA NA Ethernet Yes NA NA NA NA LCD glass NA Yes NA NA NA COMP NA Yes NA NA NA SYSCFG NA Yes NA NA NA AES NA Yes NA NA NA OPAMP NA Yes NA NA NA Table 3. STM32 peripheral compatibility analysis F1 versus L1 series (continued) Peripheral F1 series L1 series Compatibility Comments Pinout SW compatibility Color key: = New feature or new architecture (Yes++) = Same feature, but specification change or enhancement (Yes+) = Feature not available (NA) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |