Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3422 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 33Page - STMicroelectronics AN3422 Datasheet HTML 34Page - STMicroelectronics AN3422 Datasheet HTML 35Page - STMicroelectronics AN3422 Datasheet HTML 36Page - STMicroelectronics AN3422 Datasheet HTML 37Page - STMicroelectronics AN3422 Datasheet HTML 38Page - STMicroelectronics AN3422 Datasheet HTML 39Page - STMicroelectronics AN3422 Datasheet HTML 40Page - STMicroelectronics AN3422 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
AN3422
Peripheral migration
Doc ID 018976 Rev 2
37/52
4.12
RTC
The STM32L1 series embeds a new RTC peripheral vs. F1 series; the architecture, features
and programming interface are different.
As consequence the L1 RTC programming procedures and registers are different from the
the F1 series, so any code written for the F1 series using the RTC needs to be rewritten to
run on L1 series.
The L1 RTC provides best-in-class features:
BCD timer/counter
Time-of-day clock/calendar with programmable daylight saving compensation
Two programmable alarm interrupts
Digital calibration circuit
Time-stamp function for event saving
Periodic programmable wakeup flag with interrupt capability
Automatic wakeup unit to manage low power modes
32 backup registers (128 bytes) which are reset when a tamper detection event occurs
For more information about STM32L1’s RTC features, please refer to RTC chapter of
STM32L1xx Reference Manual (RM0038).
For advanced information about the RTC programming, please refer to Application Note
AN3371 Using the STM32 HW real-time clock (RTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com