Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0851 Datasheet(PDF) 213 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 209Page - STMicroelectronics UM0851 Datasheet HTML 210Page - STMicroelectronics UM0851 Datasheet HTML 211Page - STMicroelectronics UM0851 Datasheet HTML 212Page - STMicroelectronics UM0851 Datasheet HTML 213Page - STMicroelectronics UM0851 Datasheet HTML 214Page - STMicroelectronics UM0851 Datasheet HTML 215Page - STMicroelectronics UM0851 Datasheet HTML 216Page - STMicroelectronics UM0851 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 245 page
background image
UM0851
Miscellaneous device drivers
Doc ID 16604 Rev 2
213/245
Figure 60.
WDT software architecture
In the Linux source tree, the watchdog driver is present in drivers/watchdog/spr_wdt_st.c
9.2.3
Watchdog device driver interface with misc device layer
As mentioned, the watchdog driver behaves as a character device, so you use normal file
operations (open, close, ioctl, write) to access its features. For this the driver uses the misc
device layer and registers.
static const struct file_operations spear_wdt_fops = {
.owner = THIS_MODULE,
.write = spear_wdt_write,
.unlocked_ioctl = spear_wdt_ioctl,
.open = spear_wdt_open,
.release = spear_wdt_release,
};
/* minor no. is standard, defined in miscdevice.h */
spear_wdt_miscdev.minor = WATCHDOG_MINOR;
spear_wdt_miscdev.name = "watchdog";
spear_wdt_miscdev.fops = &spear_wdt_fops;
/* register watchdog driver */
ret = misc_register(&spear_wdt_miscdev);
9.2.4
Watchdog driver usage
The watchdog device driver provides a char device interface (/dev/watchdog) to the user.
You can use standard file operations to open and configure watchdog device. The following
sections explain how the watchdog device can be used.
Opening WDT
The watchdog timer is enabled as soon as it is opened by the user. The usual open call can
be used to open the watchdog device.
char wdt_dev[] = "/dev/watchdog"
int fd;
Watchdog daemon
/dev/watchdog
misc dev layer
Watchdog driver
Watchdog timer
Hardware
Kernel space
User space
application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com