Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0851 Datasheet(PDF) 215 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 215 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 211Page - STMicroelectronics UM0851 Datasheet HTML 212Page - STMicroelectronics UM0851 Datasheet HTML 213Page - STMicroelectronics UM0851 Datasheet HTML 214Page - STMicroelectronics UM0851 Datasheet HTML 215Page - STMicroelectronics UM0851 Datasheet HTML 216Page - STMicroelectronics UM0851 Datasheet HTML 217Page - STMicroelectronics UM0851 Datasheet HTML 218Page - STMicroelectronics UM0851 Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 245 page
background image
UM0851
Miscellaneous device drivers
Doc ID 16604 Rev 2
215/245
The default timeout period can be programmed by passing an argument to the watchdog
daemon in following manner.
# watchdog -T 60
9.2.5
Configuration options
The following kernel configuration options affect the watchdog. These configurations can be
selected through the "make menuconfig" interface in Linux.
9.2.6
References
●
linux-2.6.27/Documentation/watchdog.txt
9.3
Pulse width modulator (PWM) driver
In some embedded application areas there is the specific need for providing intermediate
amounts of power between off and on, for example to control the speed of a DC motor, to
vary the brightness of light in a lamp or just to reduce the power consumption in any type of
device connected to the system. Pulse Width Modulation is a very efficient technique that is
often used for this kind of purpose, since it does not waste power for heating resistors, like
when using a rheostat. Instead, PWM is a technique based on the modulation of the power
duty cycle.
SPEAr320 contains one PWM hardware block.
9.3.1
Hardware overview
Pulse width modulation (PWM) is a powerful technique for controlling analog circuits with a
microprocessor's digital outputs. PWM is a way of digitally encoding analog signal levels.
Through the use of high-resolution counters, the duty cycle of a square wave is modulated
to encode a specific analog signal level. The PWM signal is still digital because, at any given
instant of time, the full DC supply is either fully on or fully off. The voltage or current source
is supplied to the analog load by means of a repeating series of on and off pulses. The on-
time is the time during which the DC supply is applied to the load, and the off-time is the
period during which supply is switched off. Given a sufficient bandwidth, any analog value
can be encoded with PWM.
The term duty cycle describes the proportion of on time to the regular interval or period of
time; a low duty cycle corresponds to low power, because the power is off for most of the
time. Duty cycle is expressed in percent, 100% being fully on.
Table 57.
Linux kernel configurations
Configuration option
Comment
CONFIG_WATCHDOG
This enables the watchdog support in the Linux kernel
CONFIG_WATCHDOG_NOWAYOUT
Enabling this option means that even on closing watchdog
the timer would remain active and would eventually reset
the system if not refreshed. Hence the wdt cannot be
stopped once started.
CONFIG_SPEAR_SP805_WATCHDOG This enables SPEAr watchdog support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com