Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0851 Datasheet(PDF) 217 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 217 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 213Page - STMicroelectronics UM0851 Datasheet HTML 214Page - STMicroelectronics UM0851 Datasheet HTML 215Page - STMicroelectronics UM0851 Datasheet HTML 216Page - STMicroelectronics UM0851 Datasheet HTML 217Page - STMicroelectronics UM0851 Datasheet HTML 218Page - STMicroelectronics UM0851 Datasheet HTML 219Page - STMicroelectronics UM0851 Datasheet HTML 220Page - STMicroelectronics UM0851 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 245 page
background image
UM0851
Miscellaneous device drivers
Doc ID 16604 Rev 2
217/245
Figure 62.
Duty and Period
9.3.2
Software overview
The PWM driver provides a direct interface to other Linux drivers. The PWM driver can be
found at arch/arm/mach-spear300/spr_pwm_st.c. Based upon input from user drivers the
PWM is programmed by the PWM driver.
Figure 63.
PWM driver architecture
9.3.3
PWM usage in Linux
The PWM can be used from the kernel level only. User drivers must include
include/linux/pwm.h file to access functions exported from the PWM driver. There are four
channels in the PWM hardware. There numbers are 0, 1, 2 & 3. To use the PWM channels,
follow the steps described below:
Request
The user driver must request the PWM channel it wants to use. This is done using the
following function call.
/* Pwm_id: is pwm channel id, can be 0, 1, 2 or 3.
Counter clock after prescaler
Duty
Period
Kernel space
Hardware
User drivers
PWM driver
ST PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com