Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4228 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 3Page - STMicroelectronics AN4228 Datasheet HTML 4Page - STMicroelectronics AN4228 Datasheet HTML 5Page - STMicroelectronics AN4228 Datasheet HTML 6Page - STMicroelectronics AN4228 Datasheet HTML 7Page - STMicroelectronics AN4228 Datasheet HTML 8Page - STMicroelectronics AN4228 Datasheet HTML 9Page - STMicroelectronics AN4228 Datasheet HTML 10Page - STMicroelectronics AN4228 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
DocID024110 Rev 5
7/90
AN4228
Hardware migration
89
Considering the 48-/64-/100-pin packages, the migration from STM32F1 to STM32F30xx
has no impact on the pinout, except that users gain additional GPIOs for their application.
Table 4 shows the LQFP144 pinout compatibility between STM32F302/F303xD/E and
STM32F103xx products.
20
28
37
PB2/BOOT1
PB2
PB2
-
One additional I/O.
The bootloader
strategy has
changed in the
STM32F30xx and
BOOT1 is not
necessary anymore.
The boot memory
(RAM, Flash or
System memory) is
selectable through
an option bit.
-
-
73
Not Connected
PF6
PF6
-
One additional I/O
Table 3. Main pinout differences between STM32F10x and STM32F30x lines (continued)
STM32F10xxx
STM32F302xB/C
STM32F303xB/C
STM32F302xD/E
STM32F303xD/E
STM32F302x6/8
STM32F301x6/8
STM32F303x6/8
Comments
Table 4. LQFP144 pinout in STM32F103xx and STM32F30xxD/E
LQFP144
STM32F103xx
STM32F302xD/E,
STM32F303xD/E
10
PF0
PH0
11
PF1
PH1
23
OSC_IN
PF0/OSC_IN
24
OSC_OUT
PF1/OSC_OUT
106
Not connected
PH2
Table 5. Main pinout differences between STM32F373xx and STM32F103xx
Pin number
for 48-pin
package
Pin number
for 64-pin
package
Pin number
for 100-pin
package
STM32F373xx
STM32F103xx
Comments
--
10
PF9
VSS
-
--
11
PF10
VDD
-
--
19
PF2
VSSA
-
--
21
VDDA
VREF+
Supply compatible
913
22
VREF+/VDDA
VDDA
Supply compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com