Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4228 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 6Page - STMicroelectronics AN4228 Datasheet HTML 7Page - STMicroelectronics AN4228 Datasheet HTML 8Page - STMicroelectronics AN4228 Datasheet HTML 9Page - STMicroelectronics AN4228 Datasheet HTML 10Page - STMicroelectronics AN4228 Datasheet HTML 11Page - STMicroelectronics AN4228 Datasheet HTML 12Page - STMicroelectronics AN4228 Datasheet HTML 13Page - STMicroelectronics AN4228 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
Peripheral migration
AN4228
10/90
DocID024110 Rev 5
3
Peripheral migration
As shown in Table 7, there are three categories of peripherals. The common peripherals are
supported with the dedicated firmware library without any modification, except if the
peripheral instance is no longer present. You can change the instance and, of course, all the
related features (clock configuration, pin configuration, interrupt/DMA request).
The modified peripherals such as ADC, RCC and RTC are different from the STM32F1
series ones and should be updated to take advantage of the enhancements and the new
features in STM32F3 series.
All these modified peripherals in the STM32F3 series are enhanced to obtain smaller silicon
print with features designed to offer advanced high-end capabilities in economical end
products and to fix some limitations present in the STM32F1 series.
3.1
STM32 product cross-compatibility
The STM32 series embeds a set of peripherals which can be classed in three categories:
The first category is for the peripherals which are, by definition, common to all products.
Those peripherals are identical, so they have the same structure, registers and control
bits. There is no need to perform any firmware change to keep the same functionality,
at the application level, after migration. All the features and behavior remain the same.
The second category is for the peripherals which are shared by all products but have
only minor differences (in general to support new features). The migration from one
product to another is very easy and does not need any significant new development
effort.
The third category is for peripherals which have been considerably changed from one
product to another (new architecture, new features...). For this category of peripherals,
the migration will require new development, at the application level.
Table 7 gives a general overview of this classification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com