| Electronic Components Datasheet Search |
|
AN4228 Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 90 page ![]() Firmware migration using the library AN4228 42/90 DocID024110 Rev 5 4.5.2 Input mode The example below shows how to configure an I/O in input mode (for example to be used as an EXTI line) in STM32F1 series: GPIO_InitStructure.GPIO_Pin = GPIO_Pin_x; GPIO_InitStructure.GPIO_Mode = GPIO_Mode_IN_FLOATING; GPIO_Init(GPIOy, &GPIO_InitStructure); In STM32F3 series, you have to update this code as follows: GPIO_InitStructure.GPIO_Pin = GPIO_Pin_x; GPIO_InitStructure.GPIO_Mode = GPIO_Mode_IN; GPIO_InitStructure.GPIO_PuPd = GPIO_PuPd_NOPULL; /* None, Pull-up or pull- down */ GPIO_Init(GPIOy, &GPIO_InitStructure); 4.5.3 Analog mode The example below shows how to configure an I/O in analog mode (for example, an ADC or DAC channel) in STM32F1 series: GPIO_InitStructure.GPIO_Pin = GPIO_Pin_x; GPIO_InitStructure.GPIO_Mode = GPIO_Mode_AIN; GPIO_Init(GPIOy, &GPIO_InitStructure); In STM32F3 series, you have to update this code as follows: GPIO_InitStructure.GPIO_Pin = GPIO_Pin_x ; GPIO_InitStructure.GPIO_Mode = GPIO_Mode_AN; GPIO_InitStructure.GPIO_PuPd = GPIO_PuPd_NOPULL ; GPIO_Init(GPIOy, &GPIO_InitStructure); 4.5.4 Alternate function mode STM32F1 series The configuration to use an I/O as an alternate function depends on the peripheral mode used; for example, the USART Tx pin should be configured as an alternate function push- pull while the USART Rx pin should be configured as an input floating or an input pull-up. To optimize the number of peripheral I/O functions for different device packages, it is possible, by software, to remap some alternate functions to other pins. For example, the USART2_RX pin can be mapped on PA3 (default remap) or PD6 (by software remap). STM32F3 series Whatever the peripheral mode used, the I/O must be configured as an alternate function, then the system can use the I/O in the proper way (input or output). The I/O pins are connected to on-board peripherals/modules through a multiplexer that allows only one peripheral alternate function to be connected to an I/O pin at a time. In this way, there can be no conflict between peripherals sharing the same I/O pin. Each I/O pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |