Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1159CS-3.3 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1159CS-3.3
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS-3.3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1159CS-3.3 Datasheet HTML 7Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 8Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 9Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 10Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 11Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 12Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 13Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 14Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1159/LTC1159-3.3/LTC1159-5
APPLICATIO S I FOR ATIO
2. EXTVCC Connected Directly to VOUT. This is the normal
connection for a 5V regulator and provides the highest
efficiency.
3. EXTVCC Connected to an Output-Derived Boost Net-
work. For 3.3V and other low voltage regulators, effi-
ciency gains can still be realized by connecting EXTVCC
to an output-derived voltage which has been boosted to
greater than 4.5V. This can be done either with the
inductive boost winding shown in Figure 5a or the
capacitive charge pump shown in Figure 5b. The charge
pump has the advantage of simple magnetics and gen-
erally provides the highest efficiency at the expense of a
slightly higher parts count.
4. EXTVCC Connected to an External Supply. If an external
supply is available in the 5V to 12V range, it may be used
to power EXTVCC providing it is compatible with the
MOSFET gate drive requirements. There are no restric-
tions on the EXTVCC voltage relative to VIN. EXTVCC may
be higher than VIN providing EXTVCC does not exceed
the 15V absolute maximum rating.
When driving standard threshold MOSFETs, the exter-
nal supply must always be present during operation to
prevent MOSFET failure due to insufficient gate drive.
The LTC1149 family should also be considered for
applications which require the use of standard threshold
MOSFETs.
Important Information About LTC1159 Adjustable
Applications
When an output voltage other than 3.3V or 5V is required,
the LTC1159 adjustable version is used with an external
resistive divider from VOUT to the VFB pin (Figure 6). The
regulated voltage is determined by:
VOUT =
1.25V
)
)1+ R2
R1
The VFB pin is extremely sensitive to pickup from the
inductor switching node. Care should be taken to isolate
the feedback network from the inductor, and the 100pF
capacitor should be connected between the VFB and S-GND
pins next to the package.
In LTC1159N and LTC1159S applications with VOUT >
5.5V, the VCC pin may self-power through the Sense pins
when SHDN2 is taken high, preventing shutdown. In these
applications, a pull-down must be added to the Sense– pin
as shown in Figure 6. This pull-down effectively takes the
place of the SHDN1 pin, ensuring complete shutdown.
Note: For versions in which both the SHDN1 and SHDN2
pins are available (LTC1159G and all fixed output ver-
sions), the two pins are simply connected to each other and
driven together to guarantee complete shutdown.
The Figure 6 circuit cannot be used to regulate a VOUT which
is greater than the maximum voltage allowed on the
LTC1159 Sense pins (13V). In applications with VOUT >
13V, RSENSE must be moved to the ground side of the
output capacitor and load. This operates the current sense
VIN
P-DRIVE
LTC1159-3.3
P-GATE
N-CH
VIN
1N4148
•
•
P-CH
+
+
+
CIN
RSENSE
COUT
1
µF
VOUT
LTC1159 • F05a
N-GATE
P-GND
EXTVCC
L
1:1
Figure 5a. Inductive Boost Circuit for EXTVCC
Figure 5b. Capacitive Charge Pump for EXTVCC
VIN
P-DRIVE
LTC1159-3.3
P-GATE
N-CH
BAT85
0.22
µF
1
µF
BAT85
BAT85
VN2222LL
VIN
P-CH
+
CIN
RSENSE
+
COUT
+
VOUT
LTC1159 • F05b
N-GATE
P-GND
EXTVCC
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com