Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1159CS-3.3 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1159CS-3.3
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS-3.3 Datasheet(HTML) 4 Page - Linear Technology

  LTC1159CS-3.3 Datasheet HTML 1Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 2Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 3Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 4Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 5Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 6Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 7Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 8Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1159/LTC1159-3.3/LTC1159-5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Load Regulation
Efficiency vs Input Voltage
Line Regulation
Operating Frequency
vs (VIN – VOUT)
EXTVCC Switch Drop
Current Sense Threshold Voltage
EXTVCC Pin Current
VIN Pin Current
Off-Time vs VOUT
INPUT VOLTAGE (V)
0
80
85
90
95
100
510
15
20
LTC1159 • TPC01
25
30
35
40
FIGURE 1 CIRCUIT
ILOAD = 1A
NOTE 6
LOAD CURRENT (A)
0
–100
–80
–60
–40
–20
0
20
0.5
1.0
1.5
2.0
LTC1159 • TPC03
2.5
FIGURE 1 CIRCUIT
VIN = 24V
INPUT VOLTAGE (V)
0
6
8
10
15
25
40
LTC1159 • TPC04
4
2
0
510
20
30
35
FIGURE 1 CIRCUIT
NOTE 6
ILOAD = 1A
ILOAD = 100mA
ILOAD = 0
INPUT VOLTAGE (V)
0
300
400
500
15
25
40
LTC1159 • TPC05
200
100
0
510
20
30
35
FIGURE 1 CIRCUIT
NOTE 6
NORMAL
VSHDN2 = 2V
(VIN – VOUT) VOLTAGE (V)
0
1.0
1.5
20
LTC1159 • TPC06
0.5
0
5
10
15
25
2.0
VOUT = 5V
T = 70°C
T = 0°C
T = 25°C
SWITCH CURRENT (mA)
0
0
100
200
300
400
500
600
510
15
20
LTC1159 • TPC07
OUTPUT VOLTAGE (V)
1
40
50
60
5
LTC1159 • TPC08
30
20
0
2
34
10
80
70
0
LTC1159-5
LTC1159-3.3
TEMPERATURE (°C)
20
80
100
120
100
LTC1159 • TPC09
60
40
0
40
60
80
20
160
140
0
MAXIMUM
THRESHOLD
MINIMUM
THRESHOLD
INPUT VOLTAGE (V)
0
–60
–40
–20
0
20
10
20
30
40
LT1159 • TPC02
40
60
515
25
35
FIGURE 1 CIRCUIT
ILOAD = 1A
NOTE 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com