Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1159CS-3.3 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1159CS-3.3
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS-3.3 Datasheet(HTML) 5 Page - Linear Technology

  LTC1159CS-3.3 Datasheet HTML 1Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 2Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 3Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 4Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 5Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 6Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 7Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 8Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1159/LTC1159-3.3/LTC1159-5
PI FU CTIO S
Sense+: The (+) Input for the Current Comparator. A built-
in offset between the Sense+ and Sense– pins, in conjunc-
tion with RSENSE, sets the current trip threshold.
N-Gate: High Current Drive for the Bottom N-Channel
MOSFET. The N-Gate pin swings from ground to VCC.
P-Gate: Level-Shifted Gate Drive Signal for the Top
P-Channel MOSFET. The voltage swing at the P-gate pin is
from VIN to VIN – VCC.
P-Drive: High Current Gate Drive for the Top P-Channel
MOSFET. The P-drive pin(s) swing(s) from VCC to ground.
CAP: Charge Compensation Pin. A capacitor to VCC pro-
vides charge required by the P-gate level-shift capacitor
during supply transitions.
The charge compensation ca-
pacitor must be larger than the gate drive capacitor.
SHDN1: This pin shuts down the control circuitry only (VCC
is not affected). Taking SHDN1 pin high turns off the
control circuitry and holds both MOSFETs off. This pin
must be at ground potential for normal operation.
SHDN2: Master Shutdown Pin. Taking SHDN2 high shuts
down VCC and all control circuitry.
The LTC1159 uses a current mode, constant off-time
architecture to synchronously switch an external pair of
complementary power MOSFETs. Operating frequency is
set by an external capacitor at the CT pin.
The output voltage is sensed either by an internal voltage
divider connected to the Sense – pin (LTC1159-3.3 and
LTC1159-5) or an external divider returned to the VFB pin
(LTC1159). A voltage comparator V, and a gain block G,
compare the divided output voltage with a reference
voltage of 1.25V. To optimize efficiency, the LTC1159
automatically switches between two modes of operation,
burst and continuous.
A low dropout 4.5V regulator provides the operating volt-
age VCC for the MOSFET drivers and control circuitry
during start-up. During normal operation, the LTC1159
family powers the drivers and control from the output via
the EXTVCC pin to improve efficiency. The N-gate pin is
referenced to ground and drives the N-channel MOSFET
(Refer to Functional Diagram)
gate directly. The P-channel gate drive must be referenced
to the main supply input VIN, which is accomplished by
level-shifting the P-drive signal via an internal 550k resis-
tor and external capacitor.
During the switch “ON” cycle in continuous mode,
current comparator C monitors the voltage between the
Sense+ and Sense– pins connected across an external
shunt in series with the inductor. When the voltage
across the shunt reaches its threshold value, the P-gate
output is switched to VIN, turning off the P-channel
MOSFET. The timing capacitor CT is now allowed to
discharge at a rate determined by the off-time controller.
The discharge current is made proportional to the
output voltage to model the inductor current, which
decays at a rate which is also proportional to the output
voltage. While the timing capacitor is discharging, the
N-gate output is high, turning on the N-channel
MOSFET.
OPERATIO
VIN: Main Supply Input Pin.
S-GND: Small Signal Ground. Must be routed separately
from other grounds to the (–) terminal of COUT.
P-GND: Driver Power Grounds. Connect to source of N-
channel MOSFET and the (–) terminal of CIN.
VCC: Outputs of internal 4.5V linear regulator, EXTVCC
switch, and supply inputs for driver and control circuits.
The driver and control circuits are powered from the higher
of the 4.5V regulator or EXTVCC voltage. Must be closely
decoupled to power ground.
CT: External capacitor CT from this pin to ground sets the
operating frequency. (The frequency is also dependent on
the ratio VOUT/VIN.)
ITH: Gain Amplifier Decoupling Point. The current com-
parator threshold increases with the ITH pin voltage.
VFB: For the LTC1159 adjustable version, the VFB pin
receives the feedback voltage from an external resistive
divider used to set the output voltage.
Sense–: Connects to internal resistive divider which sets
the output voltage in fixed output versions. The Sense– pin
is also the (–) input of the current comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com