Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1159CS-3.3 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1159CS-3.3
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS-3.3 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1159CS-3.3 Datasheet HTML 8Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 9Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 10Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 11Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 12Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 13Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 14Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 15Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC1159/LTC1159-3.3/LTC1159-5
APPLICATIO S I FOR ATIO
Figure 6. High Efficiency Adjustable Regulator with 5.5V < VOUT < 13V
0.15
µF
VIN
CAP
P-DRIVE
P-GND
EXTVCC
VFB
LTC1159
ITH
CT
P-GATE
VCC
VCC
SHDN2
SENSE–
SENSE+
IRFZ34
VN2222LL
0.1
µF
100pF
5M
1N4148
VIN
IRF9Z34
1N5819
0.01
µF
100
Ω
100
Ω
+
100
µF
50V
+
150
µF
16V
OS-CON
+
1
µF
0V = NORMAL
>3V = SHUTDOWN
3300pF
CT
390pF
1k
N-GATE
S-GND
VOUT
R1
24.9k
LTC1159 • F06
R2
215k
VOUT =
()
1 + R2
R1
VALUES SHOWN FOR VOUT = 12V/2.5A
100
µH
RSENSE
0.039
Ω
1.25
comparator at 0V common mode, increasing the off-time
approximately 40% and requiring the use of a smaller
timing capacitor CT.
Inverting Regular Applications
The LTC1159 can also be used to obtain negative output
voltages from positive inputs. In these inverting applica-
tions, the current sense resistor connects to ground while
the LTC1159 and N-channel MOSFET connections, which
would normally go to ground, instead ride on the negative
output. This allows the negative output voltage to be set by
the same process as in conventional applications, using
either the internal divider (LTC1159-3.3, LTC1159-5) or an
external divider with the adjustable version.
Figure 15 in the Typical Applications shows a synchronous
12V to –12V converter which can supply up to 1A with
better than 85% efficiency. By grounding the EXTVCC pin in
the Figure 15 circuit, the entire 12V output voltage is placed
across the driver and control circuits since the LTC1159
ground pins are at –12V. During start-up or short-circuit
conditions, operating power is supplied by the internal
4.5V regulator. The shutdown signal is level-shifted to the
negative output rail by Q3, and Q4 ensures that Q1 and Q2
remain off during the entire shutdown sequence.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can be
expressed as:
%Efficiency = 100 – (L1 + L2 + L3 + ...)
where L1, L2, etc., are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC1159 circuits: 1) LTC1159 VIN current, 2)
LTC1159 VCC current, 3) I
2R losses, and 4) P-channel
transition losses.
1. LTC1159 VIN current is the DC supply current given in
the electrical characteristics which excludes MOSFET
driver and control currents. VIN current results in a small
(< 1%) loss which increases with VIN.
2. LTC1159 VCC current is the sum of the MOSFET driver
and control circuit currents. The MOSFET driver current
results from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com