Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1159CS-3.3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1159CS-3.3
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS-3.3 Datasheet(HTML) 3 Page - Linear Technology

  LTC1159CS-3.3 Datasheet HTML 1Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 2Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 3Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 4Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 5Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 6Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 7Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 8Page - Linear Technology LTC1159CS-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1159/LTC1159-3.3/LTC1159-5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VEXT – VCC
EXTVCC Switch Drop
VIN = 12V, EXTVCC = 5V, ISWITCH = 10mA
250
350
mV
VP-GATE – VIN P-Gate to Source Voltage (Off)
VIN = 12V
– 0.2
0
V
VIN = 40V
– 0.2
0
V
VSENSE+ –
Current Sense Threshold Voltage
VSENSE–
LTC1159
VSENSE– = 5V, VFB = 1.32V (Forced)
25
mV
VSENSE– = 5V, VFB = 1.15V (Forced)
q
130
150
170
mV
LTC1159-3.3
VSENSE– = 3.4V (Forced)
25
mV
VSENSE– = 3.1V (Forced)
q
130
150
170
mV
LTC1159-5
VSENSE– = 5.2V (Forced)
25
mV
VSENSE– = 4.7V (Forced)
q
130
150
170
mV
VSNDN1
SHDN1 Threshold
LTC1159CG, LTC1159-3.3, LTC1159-5
0.6
0.8
2
V
VSHDN2
SHDN2 Threshold
0.8
1.4
2
V
ISHDN2
Shutdown 2 Input Current
VSHDN2 = 5V
12
20
µA
ICT
CT Pin Discharge Current
VOUT in Regulation
50
70
90
µA
VOUT = 0V
2
10
µA
tOFF
Off-Time (Note 4)
CT = 390pF, ILOAD = 700mA, VIN = 10V
4
5
6
µs
tr, tf
Driver Output Transition Times
CL = 3000pF (Pins P-Drive and N-Gate), VIN = 6V
100
200
ns
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, VIN = 12V, VSHDN1 = 0V (Note 2), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Feedback Voltage (LTC1159 Only)
1.2
1.25
1.3
V
VOUT
Regulated Output Voltage
VIN = 9V
LTC1159-3.3
ILOAD = 700mA
3.17
3.30
3.43
V
LTC1159-5
ILOAD = 700mA
4.85
5.05
5.25
V
IIN
VIN Pin Current (Note 3)
Normal
VIN = 12V, EXTVCC = 5V
200
µA
VIN = 40V, EXTVCC = 5V
300
µA
Shutdown
VIN = 12V, VSHDN2 = 2V
15
µA
VIN = 40V, VSHDN2 = 2V
25
µA
IEXTVCC
EXTVCC Pin Current (Note 3)
EXTVCC = 5V, Sleep Mode
250
µA
VCC
Internal Regulator Voltage
VIN = 12V to 40V, EXTVCC = 0V, ICC = 10mA
4.5
V
VSENSE+ –
Current Sense Threshold Voltage
Low Threshold (Forced)
25
mV
VSENSE–
High Threshold (Forced)
125
150
175
mV
VSHDN2
SHDN2 Threshold
0.8
1.4
2
V
tOFF
Off-Time (Note 4)
CT = 390pF, ILOAD = 700mA, VIN = 10V
3.5
5
6.5
µs
–40
°C ≤ TA ≤ 85°C (Note 5)
The q denotes specifications which apply over the full operating
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1159CG, LTC1159CG-3.3, LTC1159CG-5: TJ = TA + (PD × 135°C/W)
LTC1159CN, LTC1159CN-3.3, LTC1159CN-5: TJ = TA + (PD × 80°C/W)
LTC1159CS, LTC1159CS-3.3, LTC1159CS-5: TJ = TA + (PD × 110°C/W)
Note 2: On LTC1159 versions which have a SHDN1 pin, it must be at
ground potential for testing.
Note 3: The LTC1159 VIN and EXTVCC current measurements exclude
MOSFET driver currents. When VCC power is derived from the output via
EXTVCC, the input current increases by (IGATECHG × Duty Cycle)/(Efficiency).
See Typical Performance Characteristics and Applications Information.
Note 4: In applications where RSENSE is placed at ground potential, the off-
time increases approximately 40%.
Note 5: The LTC1159, LTC1159-3.3, and LTC1159-5 are not tested and
not quality assurance sampled at – 40
°C and 85°C. These specifications
are guaranteed by design and/or correlation.
Note 6: The logic-level power MOSFETs shown in Figure 1 are rated for
VDS(MAX) = 30V. For operation at VIN > 30V, use standard threshold
MOSFETs with EXTVCC powered from a 12V supply. See Applications
Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com