Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P218KB Datasheet(PDF) 1 Page - NEC

Part # UPD75P218KB
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P218KB Datasheet(HTML) 1 Page - NEC

  UPD75P218KB Datasheet HTML 1Page - NEC UPD75P218KB Datasheet HTML 2Page - NEC UPD75P218KB Datasheet HTML 3Page - NEC UPD75P218KB Datasheet HTML 4Page - NEC UPD75P218KB Datasheet HTML 5Page - NEC UPD75P218KB Datasheet HTML 6Page - NEC UPD75P218KB Datasheet HTML 7Page - NEC UPD75P218KB Datasheet HTML 8Page - NEC UPD75P218KB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Printed in Japan
Document No.
IC-2541A
(O.D. No.
IC-7962A)
Date Published
March 1993 P
MOS INTEGRATED CIRCUIT
µPD75P218
4-BIT SINGLE-CHIP MICROCOMPUTER
The
µPD75P218 is a one-time PROM version that can be written to only once or an EPROM version that allows
program writing, erasing, and rewriting, of the
µPD75218 Note.
Since the program can be written by the user, the
µPD75P218 is suitable for preproduction use during
system development, or limited production.
Read this material together with the
µPD75218 materials.
Note Under development
FEATURES
µPD75218 compatible
On-chip 16K-byte mode/32K-byte mode switching function
Operates at the same power supply voltage range (2.7 to 6.0 V) as the mask ROM version
µPD75218.
32640
× 8 bits of PROM
1024
× 4 bits of RAM
No pull-down resistor for Port 6
High breakdown voltage display output
S0 to S8, T0 to T9 : On-chip pull-down resistor
S9, T10 to T15
: Open drain
No power-on reset circuit
Caution No mask-option pull-down resistor is provided.
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPD75P218CW
64-pin plastic shrink DIP (750 mil)
Standard
µPD75P218GF-3BR
64-pin plastic QFP (14
× 20 mm)
Standard
µPD75P218KB
64-pin ceramic LCC with window (14
× 20 mm)
Standard
Please refer to "Quality grade on NEC Semiconductor Devices" (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
The word “PROM” in this document refers to the common parts of the one-time PROM products and
EPROM products.
The information in this document is subject to change without notice.
©
1989
DATA SHEET
NEC CORPORATION 1991


Similar Part No. - UPD75P218KB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P218KB RENESAS-UPD75P218KB Datasheet
554Kb / 38P
MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75P218KB

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com