Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMS4684ITL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMS4684ITL/NOPB
Description  0.5Ohm Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS4684ITL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMS4684ITL/NOPB Datasheet HTML 1Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 2Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 3Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 4Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 5Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 6Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 7Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 8Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
0.9 x VOUT
50%
VIH
VIL
LOGIC
INPUT
tD
GND
LOGIC
INPUT
V
+
NO
NC
IN
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
COM
VOUT
RL
50:
CL
100pF
VIN
V
+
0.047PF
50%
VIH
VIL
LOGIC
INPUT
0.9 x VOUT
SWITCH
OUPUT
VOUT
0
tOFF
tON
0.9 x VOUT
VOUT
RL
50:
VIN
V
+
GND
LOGIC
INPUT
CL
100pF
NO
or NC
IN
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
V
+
COM
0.047PF
LMS4684
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, V
+ = 2.7 to 3.3V, V
IH = 1.4V, VIL = 0.5V. Typical values are measured at 3V, and TJ = 25°C.
Boldface limits apply at temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIN
IN Input Leakage Current
VIN = 0 or V
+
−1
1
μA
Power Supply
V+
Power-Supply Range
1.8
5.5
V
I+
Supply Current
V+ = 5.5V
5
nA
PARAMETRIC MEASUREMENT INFORMATION
Figure 3. tON / tOFF Time
Figure 4. Break-Before Make Delay
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMS4684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com