Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMS4684ITL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMS4684ITL/NOPB
Description  0.5Ohm Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS4684ITL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMS4684ITL/NOPB Datasheet HTML 2Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 3Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 4Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 5Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 6Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 7Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 8Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 9Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
0
1
2
3
4
5
6
VSUPPLY (V)
0
0.5
1
1.5
2
VIN RISING
VIN FALLING
-40
-15
10
35
60
85
0
5
10
15
20
25
30
35
40
45
50
TEMPERATURE
V
+ = 3V
CL = 100 pF
RL = 50:
tON (ns)
tOFF (ns)
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
V
+
= 1.8V
V
+
= 2.0V
V
+
= 2.3V
V
+
= 2.5V
V
+
= 3.0V
V
+
= 5.0V
0.0
1.0
2.0
3.0
4.0
5.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
VCOM (V)
VS = 2.3V
VS = 2.5V
VS = 2.0V
VS = 3.0V
VS = 1.8V
VS = 5.0V
LMS4684
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
NO ON Resistance
NC ON Resistance
vs.
vs.
COM Voltage
COM Voltage
Figure 7.
Figure 8.
Logic Threshold Voltage
Turn-on / Turn-off Times
vs.
vs.
Supply Voltage
Temperature
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMS4684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com