Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMS4684ITL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMS4684ITL/NOPB
Description  0.5Ohm Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS4684ITL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMS4684ITL/NOPB Datasheet HTML 3Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 4Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 5Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 6Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 7Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 8Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 9Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 10Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
0
1
2
3
4
5
0.10
0.15
0.20
0.25
0.30
0.35
0.40
VCOM (V)
V
+
= 5V
TA = +85ºC
TA = +25ºC
TA = -40ºC
0
0.5
1
1.5
2
2.5
3
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
VCOM (V)
V
+
= 3V
TA = +85ºC
TA = +25ºC
TA = -40ºC
0
0.5
1
1.5
2
2.5
3
VCOM (V)
0.10
0.15
0.20
0.25
0.30
0.35
V
+
= 3V
TA = +85ºC
TA = +25ºC
TA = -40ºC
0
1
2
3
4
5
6
VCOM (V)
-700
-500
-300
-100
100
300
500
0
1
2
3
4
5
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
VCOM (V)
V
+
= 5V
TA = +85ºC
TA = +25ºC
TA = -40ºC
LMS4684
www.ti.com
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Charge Injection
NC On-Resistance
vs.
vs.
COM Voltage
COM Voltage
Figure 11.
Figure 12.
NC On-Resistance
NO On-Resistance
vs.
vs.
COM Voltage
COM Voltage
Figure 13.
Figure 14.
NO On-Resistance
vs.
COM Voltage
Figure 15.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMS4684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com