Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMS4684ITL/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMS4684ITL/NOPB
Description  0.5Ohm Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS4684ITL/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMS4684ITL/NOPB Datasheet HTML 5Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 6Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 7Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 8Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 9Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 10Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 11Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 12Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
RON
COM
NO or
NC
CS
SUPPLY VOLTAGE
ANALOG
INPUT
SIGNAL
COM
D1
NO
GND
0.047 PF
LMS4684
www.ti.com
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
It is also good practice to provide adequate supply bypassing to all analog circuits. We recommend a that
minimum bypass capacitor value of 0.047µF be provided for the LMS4684. An inadequate bypass capacitor can
lead to excessive supply current.
Figure 17. Input Over Voltage Protection Circuitry
OFF-ISOLATION
Analog switches are composed of FETs (field Effect Transistors). The channel resistance is low when the pass
transistors are "on" and that resistance is high when the pass transistors are "off". However, when the pass
transistors are "off", the source to drain capacitance of the pass transistors will pass some energy. This
capacitance is inversely proportional to the switch "on" resistance, so a switch with a low "on" resistance may not
be suitable for some high frequency applications.
Figure 18 shows the equivalent circuit of an analog switch. Unless the load impedance after the switch is
relatively low, the switch capacitance will couple excessive energy across the "open" switch at higher
frequencies, degrading off isolation performance. Off Isolation of the LMS4684 is specified with a 50
Ω load.
Higher load impedances will degrade off isolation performance compared with what is specified.
Figure 18. Equivalent Circuit of an Analog Switch
Off isolation may be improved by decreasing the LMS4684 load impedance below 50
Ω. When doing this, be sure
that the LMS4684 maximum current rating is not exceeded. Also, decreasing the load impedance too much can
result in excessive signal distortion because the channel resistance variation with input signal voltage would then
be a greater percentage of the load impedance.
If it is desired to extend the usable bandwidth of the LMS4684 while maintaining reasonable off-isolation is
through the use of the circuit of Figure 19.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMS4684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com