Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMS4684ITL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMS4684ITL/NOPB
Description  0.5Ohm Low-Voltage, Dual SPDT Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMS4684ITL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMS4684ITL/NOPB Datasheet HTML 1Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 2Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 3Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 4Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 5Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 6Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 7Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 8Page - Texas Instruments LMS4684ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NO1
COM1
IN1
COM2
1
4
5
3
7
6
8
10
GND
NO2
IN2
2
9
NC1
NC2
GND
V
+
NO1
COM1
IN1
V
+
GND
NO2
COM2
IN2
C2
D3
D2
D1
A3
B3
C3
A2
B2
A1
B1
C1
NC1
NC2
LMS4684
www.ti.com
SNOSAL0C – DECEMBER 2004 – REVISED APRIL 2013
LMS4684 0.5
Ω Low-Voltage, Dual SPDT Analog Switch
Check for Samples: LMS4684
1
FEATURES
DESCRIPTION
The LMS4684 is a low on-resistance, low voltage
2
•
NC Switch RON 0.5Ω max @ 2.7V
dual SPDT (Single-Pole/Double-Throw) analog switch
•
NO Switch RON 0.8Ω max @ 2.7V
that operates from a 1.8V to 5.5V supply. The
•
5 nA (typ) Supply Current TA = 25°C
LMS4684 features a 0.5
Ω RON for its NC switch and
0.8
Ω RON for its NO switch at a 2.7V supply. The
•
1.8 to 5.5V Single Supply Operation
digital logic inputs are 1.8V logic-compatible with a
•
12-Bump DSBGA Package
2.7V to 3.3V supply and features break-before-make
•
WSON-10 Package, 3x4mm
switching action.
The LMS4684 is available in the 12-bump DSBGA
APPLICATIONS
and the 10-lead WSON miniature packages. These
•
Power Routing
PCB real estate saving packages offer extreme
performance
while
saving
money
with
small
•
Battery-Operated Equipment
footprints.
•
Communications Circuits
•
Modems
•
Cell Phones
Connection Diagram
Center Bumps B2 and C2 are Not Electrically Connected
Exposed pad on back of package needs to be connected to pin 6 on
the board
Figure 1. 10-WSON Package-Top View
Figure 2. 12-Bump DSBGA Package-Top View
(Bumped Side Down)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMS4684ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS4684ITL/NOPB TI2-LMS4684ITL/NOPB Datasheet
545Kb / 18P
LMS4684 0.5Ω Low-Voltage, Dual SPDT Analog Switch
REVISED APRIL 2013
LMS4684ITL/NOPB.A TI2-LMS4684ITL/NOPB.A Datasheet
545Kb / 18P
LMS4684 0.5Ω Low-Voltage, Dual SPDT Analog Switch
REVISED APRIL 2013
More results

Similar Description - LMS4684ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223 Datasheet
114Kb / 11P
Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
December, 2005 ??Rev. 0
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com