| Electronic Components Datasheet Search |
|
PIC17C752-08/P Datasheet(PDF) 315 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752-08/P Datasheet(HTML) 315 Page - Microchip Technology |
|
315 / 320 page ![]() © 1997 Microchip Technology Inc. Preliminary DS30264A-page 315 PIC17C75X List of Tables Table 1-1: PIC17CXXX Family of Devices..................... 6 Table 2-1: Device Memory Varieties.............................. 7 Table 3-1: Pinout Descriptions..................................... 11 Table 4-1: Capacitor Selection for Ceramic Resonators ................................................. 16 Table 4-2: Capacitor Selection for Crystal Oscillator ... 16 Table 5-1: Time-Out in Various Situations ................... 23 Table 5-2: STATUS Bits and Their Significance .......... 23 Table 5-3: Reset Condition for the Program Counter and the CPUSTA Register.......................... 23 Table 5-4: Initialization Conditions For Special Function Registers...................................... 25 Table 6-1: Interrupt Vectors/Priorities .......................... 35 Table 7-1: Mode Memory Access ................................ 40 Table 7-2: EPROM Memory Access Time Ordering Suffix........................................................... 41 Table 7-3: Special Function Registers ......................... 44 Table 8-1: Interrupt - Table Write Interaction ............... 57 Table 9-1: Performance Comparison........................... 61 Table 10-1: PORTA Functions....................................... 67 Table 10-2: Registers/Bits Associated with PORTA ...... 67 Table 10-3: PORTB Functions....................................... 71 Table 10-4: Registers/Bits Associated with PORTB ...... 71 Table 10-5: PORTC Functions....................................... 73 Table 10-6: Registers/Bits Associated with PORTC ...... 73 Table 10-7: PORTD Functions....................................... 75 Table 10-8: Registers/Bits Associated with PORTD ...... 75 Table 10-9: PORTE Functions....................................... 77 Table 10-10: Registers/Bits Associated with PORTE ...... 77 Table 10-11: PORTF Functions ....................................... 79 Table 10-12: Registers/bits Associated With PORTF ...... 79 Table 10-13: PORTG Functions ...................................... 82 Table 10-14: Registers/bits Associated With PORTG ..... 82 Table 12-1: Registers/Bits Associated with Timer0 ....... 90 Table 13-1: Time-base Function / Resource Requirements ............................................. 91 Table 13-2: Turning On 16-bit Timer.............................. 95 Table 13-3: Summary of Timer1 and Timer2 Registers..................................................... 96 Table 13-4: PWM Frequency vs. Resolution at 33 MHz ................................................... 98 Table 13-5: Registers/Bits Associated with PWM.......... 99 Table 13-6: Registers Associated with Capture........... 103 Table 14-1: USART Module Generic Names............... 107 Table 14-2: Baud Rate Formula................................... 110 Table 14-3: Registers Associated with Baud Rate Generator.................................................. 110 Table 14-4: Baud Rates for Synchronous Mode.......... 111 Table 14-5: Baud Rates for Asynchronous Mode ........ 112 Table 14-6: Registers Associated with Asynchronous Transmission..................... 114 Table 14-7: Registers Associated with Asynchronous Reception.......................... 116 Table 14-8: Registers Associated with Synchronous Master Transmission ................................ 118 Table 14-9: Registers Associated with Synchronous Master Reception...................................... 120 Table 14-10: Registers Associated with Synchronous Slave Transmission .................................. 122 Table 14-11: Registers Associated with Synchronous Slave Reception........................................ 122 Table 15-1: Registers Associated with SPI Operation .................................................. 133 Table 15-2: Data Transfer Received Byte Actions....... 135 Table 15-3: Registers Associated with I2C Operation.. 140 Table 16-1: TAD vs. Device Operating Frequencies (Standard devices (C)) ............................. 171 Table 16-2: TAD vs. Device Operating Frequencies (Extended Voltage devices (LC)) ............. 171 Table 16-3: Registers/bits Associated with A/D........... 175 Table 17-1: Configuration Locations............................ 178 Table 17-2: Registers/Bits Associated with the Watchdog Timer ....................................... 179 Table 17-3: ISP Interface Pins..................................... 182 Table 18-1: Opcode Field Descriptions ....................... 183 Table 18-2: PIC17CXXX Instruction Set...................... 186 Table 19-1: development tools from microchip............ 222 Table 20-1: Cross Reference of Device Specs for Oscillator Configurations and Frequencies of Operation (Commercial Devices) ......... 224 Table 20-2: External Clock Timing Requirements ....... 232 Table 20-3: CLKOUT and I/O Timing Requirements... 233 Table 20-4: Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer, and Brown-out Reset Requirements ............... 234 Table 20-5: Timer0 External Clock Requirements....... 235 Table 20-6: Timer1, Timer2, and Timer3 External Clock Requirements ................................. 235 Table 20-7: Capture Requirements ............................. 236 Table 20-8: PWM Requirements ................................. 236 Table 20-9: SPI Mode Requirements (Master Mode, CKE = 0)................................................... 237 Table 20-10: SPI Mode Requirements (Master Mode, CKE = 1)................................................... 238 Table 20-11: SPI Mode Requirements (Slave Mode Timing (CKE = 0)...................................... 239 Table 20-12: SPI Mode Requirements (Slave Mode, CKE = 1)................................................... 240 Table 20-13: I2C Bus Start/Stop Bits Requirements...... 241 Table 20-14: I2C Bus Data Requirements ..................... 243 Table 20-15: USART Synchronous Transmission Requirements ........................................... 244 Table 20-16: USART Synchronous Receive Requirements ........................................... 244 Table 20-17: A/D Converter Characteristics: PIC17LC752/756-08 (Commercial, Industrial) PIC17C752/756-25 (Commercial, Industrial) PIC17C752/756-33 (Commercial, Industrial).................................................. 245 Table 20-18: A/D Conversion Requirements................. 246 Table 20-19: Memory Interface Write Requirements..... 247 Table 20-20: Memory Interface read Requirements...... 248 Table 21-1: Pin Capacitance per Package Type ......... 249 Table 21-2: RC Oscillator Frequencies ....................... 251 Table E-1: I2C Bus Terminology ................................ 267 Table E-2: I2C Bus Start/Stop Bits Timing Specification... 271 Table E-3: I2C Bus Data Timing Specification .......... 272 TABLE G-1: Pin Compatible Devices ........................... 302 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |